Electronic Components Datasheet Search
  English  ▼

X  

OPA187 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA187
Description  Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA187 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA187 Datasheet HTML 15Page - Texas Instruments OPA187 Datasheet HTML 16Page - Texas Instruments OPA187 Datasheet HTML 17Page - Texas Instruments OPA187 Datasheet HTML 18Page - Texas Instruments OPA187 Datasheet HTML 19Page - Texas Instruments OPA187 Datasheet HTML 20Page - Texas Instruments OPA187 Datasheet HTML 21Page - Texas Instruments OPA187 Datasheet HTML 22Page - Texas Instruments OPA187 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Op Amp
Core
R
F
R
I
R
L
V
IN
(See
Note 1)
I
D
IN
OUT
+IN
ESD Current-
Steering Diodes
+V
S
V+
R
S
(See Note 3)
TVS
(See Note 2)
Edge-Triggered ESD
Absorption Circuit
V±
V
S
TVS
(See Note 2)
Copyright © 2016, Texas Instruments Incorporated
19
OPA187, OPA2187, OPA4187
www.ti.com
SBOS807 – DECEMBER 2016
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Another common question involves what happens to the amplifier if an input signal is applied to the input while
the power supplies +VS or –VS are at 0 V. Again, this question depends on the supply characteristic while at 0 V,
or at a level below the input signal amplitude. If the supplies appear as high impedance, then the operational
amplifier supply current may be supplied by the input source via the current-steering diodes. This state is not a
normal bias condition; the amplifier most likely will not operate normally. If the supplies are low impedance, then
the current through the steering diodes can become quite high. The current level depends on the ability of the
input source to deliver current, and any resistance in the input path.
If there is any uncertainty about the ability of the supply to absorb this current, external TVS (Transient Voltage
Suppressor) diodes may be added to the supply pins, as shown in Figure 40. The TVS voltage must be selected
such that the diode does not turn on during normal operation. However, the TVS voltage should be low enough
so that the TVS diode conducts if the supply pin begins to rise above the safe operating supply voltage level.
NOTE 1: VIN = +VS + 500 mV.
NOTE 2: TVS: +VS(max) > VTVSBR (min) > +VS.
NOTE 3: Suggested value is approximately 1 kΩ.
Figure 40. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
The OPAx187 input terminals are protected from excessive differential voltage with back-to-back diodes, as
shown in Figure 40. In most circuit applications, the input protection circuitry has no consequence. However, in
low-gain or G = 1 circuits, fast-ramping input signals can forward-bias these diodes because the output of the
amplifier cannot respond rapidly enough to the input ramp. If the input signal is fast enough to create this
forward-bias condition, the input signal current must be limited to 10 mA or less. If the input signal current is not
inherently limited, an input series resistor can be used to limit the signal input current. This input series resistor
degrades the low-noise performance of the OPAx187. Figure 40 shows an example configuration that
implements a current-limiting feedback resistor.
7.4 Device Functional Modes
The OPAx187 has a single functional mode, and is operational when the power-supply voltage is greater than
4.5 V (±2.25 V). The maximum power supply voltage for the OPAx187 is 36 V (±18 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com