Electronic Components Datasheet Search
  English  ▼

X  

OPA187 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # OPA187
Description  Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA187 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPA187 Datasheet HTML 20Page - Texas Instruments OPA187 Datasheet HTML 21Page - Texas Instruments OPA187 Datasheet HTML 22Page - Texas Instruments OPA187 Datasheet HTML 23Page - Texas Instruments OPA187 Datasheet HTML 24Page - Texas Instruments OPA187 Datasheet HTML 25Page - Texas Instruments OPA187 Datasheet HTML 26Page - Texas Instruments OPA187 Datasheet HTML 27Page - Texas Instruments OPA187 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
OPA187
RTD
Pt100
R5
105.8 k
Ÿ
(1)
V
OUT
R3
60.4 k
Ÿ
R1
4.99 k
Ÿ
R2
49.1 k
Ÿ
R4
1 k
Ÿ
1 µF
1 µF
REF5050
15 V
In
Out
(5 V)
0°C = 0 V
200°C = 5 V
Copyright © 2016, Texas Instruments Incorporated
24
OPA187, OPA2187, OPA4187
SBOS807 – DECEMBER 2016
www.ti.com
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.2.6 RTD Amplifier With Linearization
See Analog Linearization Of Resistance Temperature Detectors, for an in-depth analysis of Figure 47. Click the
following link to download the TINA-TI file: RTD Amplifier With Linearization.
(1)
R5 provides positive-varying excitation to linearize output.
Figure 47. RTD Amplifier With Linearization
9 Power Supply Recommendations
The OPAx187 is specified for operation from 4.5 V to 36 V (±2.25 V to ±18 V); many specifications apply from
–40°C to +125°C. The Typical Characteristics presents parameters that can exhibit significant variance with
regard to operating voltage or temperature.
CAUTION
Supply voltages larger than 40 V can permanently damage the device (see the
Absolute Maximum Ratings).
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see the Layout
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com