Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 129 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 129 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 125Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 126Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 127Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 128Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 129Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 130Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 131Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 132Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 133Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 167 page
background image
Rev. 1.50
1�8
De�e��e� 01� �01�
Rev. 1.50
1�9
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
M
U
X
M
U
X
LX T
LI RC
f SY S /4
¸ 2 ~ 2
81 5
¸ 2 ~ 2
12
15
TB 11~ TB 10
Ti me B as e 0 In te rr upt
Ti me B as e 1 In te rr upt
Co nf i gur at io n
Op ti o n
TB CK B it
TB 02~ TB 00
f TB
f TB C
Time Base Interrupt
TBC Register
Bit
7
6
5
4
3
2
1
0
Na�e
TBON
TBCK
TB11
TB10
LXTLP
TB0�
TB01
TB00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
1
1
0
1
1
1
Bit7
TBON:TB0andTB1Control
0:Disable
1:Enable
Bit6
TBCK:SelectfTBClock
0:fTBC
1:fSYS/4
Bit5~4
TB11, TB10:SelectTimeBase1Time-outPeriod
00:4096/fTB
01:8192/fTB
10:16384/fTB
11:32768/fTB
Bit3
LXTLP:LXTLowPowerControl
0:Disable(LXTquickstart-up)
1:Enable(LXTslowstart-up)
Bit2~0
TB02~TB00:SelectTimeBase0Time-outPeriod
000:256/fTB
001:512/fTB
010:1024/fTB
011:2048/fTB
100:4096/fTB
101:8192/fTB
110:16384/fTB
111:32768/fTB
SPI Interrupts
TheSPI1andSPI0Interrupts,arecontainedwithintheMulti-functionInterrupt.WhentheSPI
datatransmithasbeenfinished,theirrespectiveinterruptrequestflags,SPInFwillbeset.Toallow
theprogramtobranchtotheirrespectiveinterruptvectoraddresses,theglobalinterruptenablebit,
EMI,multi-functionenablebit,MFnEandSPIinterruptenablebits,SPInE,mustfirstbeset.When
theinterruptisenabled,thestackisnotfullandtheSPItransmitdatafinished,asubroutinecallto
therespectiveMulti-functionInterruptvector,willtakeplace.Whentheinterruptisserviced,the
EMIbitwillbeautomaticallyclearedtodisableotherinterrupts,howeveronlytheMulti-function
interruptrequestflagwillbealsoautomaticallycleared.AstheSPInFflagswillnotbeautomatically
cleared,theyhavetobeclearedbytheapplicationprogram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com