Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 127 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 127 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 124Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 125Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 126Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 127Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 128Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 129Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 130Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 131Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 167 page
background image
Rev. 1.50
1��
De�e��e� 01� �01�
Rev. 1.50
1�7
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
External Interrupt
Thedevicecontainstwoexternalinterrupts,eachofwhichiscontrolledbysignaltransitionson
theINTnpin.TheINT0interruptisanindependentinterrupt,theINT1interruptiscontained
withintheMulti-functionInterrupt.Anexternalinterruptrequestwilltakeplacewhentheexternal
interruptrequestflag,INTnF,isset,whichwilloccurwhenatransition,whosetypeischosenbythe
edgeselectbits,appearsontheexternalinterruptpin.ToallowtheprogramtobranchtotheINT0
interruptvectoraddress,theglobalinterruptenablebit,EMI,andrespectiveexternalinterruptenable
bit,INT0E,mustfirstbeset.Whentheinterruptisenabled,thestackisnotfullandthecorrect
transitiontypeappearsontheexternalinterruptpin,asubroutinecalltotheexternalinterruptvector,
willtakeplace.Whentheinterruptisserviced,theexternalinterruptrequestflag,INT0F,willbe
automaticallyresetandtheEMIbitwillbeautomaticallyclearedtodisableotherinterrupts.
ToallowtheprogramtobranchtotheINT1interruptvectoraddress,theglobalinterruptenable
bit,EMI,respectiveexternalinterruptenablebit,INT1E,andrelevantMulti-functionInterrupt
enablebitmustfirstbeset.WhentheINT1Interruptisserviced,theEMIbitwillbeautomatically
clearedtodisableotherinterrupts,howeveronlytheMulti-functioninterruptrequestflagwillbe
alsoautomaticallycleared.Astheexternalinterruptrequestflag,INT1F,willnotbeautomatically
cleared,ithastobeclearedbytheapplicationprogram.Additionallythecorrectinterruptedgetype
mustbeselectedusingtherelatedregistertoenabletheexternalinterruptfunctionandtochoosethe
triggeredgetype.Astheexternalinterruptpinispin-sharedwithI/Opin,itcanonlybeconfigured
asexternalinterruptpiniftheexternalinterruptenablebitinthecorrespondinginterruptregisterhas
beenset.Thepinmustalsobesetupasaninputbysettingthecorrespondingbitintheportcontrol
register.Notethatanypull-highresistorselectionsontheexternalinterruptpinwillremainvalid
evenifthepinisusedasanexternalinterruptinput.
ThebitsinCTRL2registerisusedtoselectthetypeofactiveedgethatwilltriggertheexternal
interruptAchoiceofeitherrisingorfallingorbothedgetypescanbechosentotriggeranexternal
interrupt.Notethatthisregistercanalsobeusedtodisabletheexternalinterruptfunction.
CTRL2 Register
Bit
7
6
5
4
3
2
1
0
Na�e
DACEN
CPDEN INT1ES1 INT1ES0 INT0ES1 INT0ES0
CPF
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
—
POR
0
0
1
0
1
0
0
—
Bit7~6
Describedelsewhere
Bit5~4
INT1ES1, INT1ES0:externalinterrupt1edgeselection
00:disable
01:risingedgetrigger
10:fallingedgetrigger
11:dualedgetrigger
Bit3~2
INT0ES1, INT0ES0:externalinterrupt0edgeselection
00:disable
01:risingedgetrigger
10:fallingedgetrigger
11:dualedgetrigger
Bit1~0
Describedelsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com