Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 124 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 124 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 124Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 125Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 126Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 127Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 128Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 167 page
background image
Rev. 1.50
1�4
De�e��e� 01� �01�
Rev. 1.50
1�5
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
MFIC3 Register
Bit
7
6
5
4
3
2
1
0
Na�e
INT1F
SPI1F
SPI0F
TB0F
INT1E
SPI1E
SPI0E
TB0E
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
INT1F:INT1InterruptRequestFlag
0:Norequest
1:Interruptrequest
Bit6
SPI1F:SPI1InterruptRequestFlag
0:Norequest
1:Interruptrequest
Bit5
SPI0F:SPI0InterruptRequestFlag
0:Norequest
1:Interruptrequest
Bit4
TB0F:TimeBase0InterruptRequestFlag
0:Norequest
1:Interruptrequest
Bit3
INT0E:INT1InterruptControlquest
0:Disable
1:Enable
Bit2
SPI1E:SPI1InterruptControl
0:Disable
1:Enable
Bit1
SPI0E:SPI0InterruptControl
0:Disable
1:Enable
Bit0
TB0E:TimeBase0InterruptControl
0:Disable
1:Enable
MFIC4 Register
Bit
7
6
5
4
3
2
1
0
Na�e
LVF
TB1F
—
SCFF
LVE
TB1E
CHPE
SCFE
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
R/W
POR
0
0
—
1
0
0
0
0
Bit7
LVF:LVDInterruptRequestFlag
0:Norequest
1:Interruptrequest
Bit6
TB1F:TimeBase1InterruptRequestFlag
0:Norequest
1:Interruptrequest
Bit5
Thisbitforbidswriting.
Bit4
SCFF:SCFInterruptRequestFlag
0:Norequest
1:Interruptrequest
Bit3
LVE:LVDInterruptControl
0:Disable
1:Enable
Bit2
TB1E:TimeBase1InterruptControl
0:Disable
1:Enable
Bit1
CHPE:ChargepumpInterruptControl
0:Disable
1:Enable
Bit0
SCFE:SCFInterruptControl
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com