Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 122 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 122 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 124Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 125Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 126Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 167 page
background image
Rev. 1.50
1��
De�e��e� 01� �01�
Rev. 1.50
1�3
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
INTC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
MF4F
MF3F
ADF
MF�F
MF4E
MF3E
ADE
MF�E
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
MF4F:Multi-functionInterrupt4RequestFlag
0:Norequest
1:Interruptrequest
Bit6
MF3F:Multi-functionInterrupt3RequestFlag
0:Norequest
1:Interruptrequest
Bit5
ADF:A/DConverterInterruptRequestFlag
0:Norequest
1:Interruptrequest
Bit4
MF2F:Multi-functionInterrupt2RequestFlag
0:Norequest
1:Interruptrequest
Bit3
MF4E:Multi-function4InterruptControl
0:Disable
1:Enable
Bit2
MF3E:Multi-function3InterruptControl
0:Disable
1:Enable
Bit1
ADE:A/DConverterInterruptControl
0:Disable
1:Enable
Bit0
MF2E:Multi-function2InterruptControl
0:Disable
1:Enable
MFIC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
DEF
T0AF
T0PF
—
DEE
T0AE
T0PE
R/W
—
R/W
R/W
R/W
—
R/W
R/W
R/W
POR
—
0
0
0
—
0
0
0
Bit7
Unimplemented,readas“0”
Bit6
DEF:DataEEPROMinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit5
T0AF:TM0ComparatorAmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit4
T0PF:TM0ComparatorPmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit3
Unimplemented,readas“0”
Bit2
DEE:DataEEPROMinterruptcontrol
0:Disable
1:Enable
Bit1
T0AE:TM0ComparatorAmatchinterruptcontrol
0:Disable
1:Enable
Bit0
T0PE:TM0ComparatorPmatchinterruptcontrol
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com