Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 119 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 119 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 123Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 167 page
background image
Rev. 1.50
118
De�e��e� 01� �01�
Rev. 1.50
119
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
SPI1D Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
"x" unknown
Bit7~0
D7~D0:SPI1Serialbusdataregister
SPI Communication
AftertheSPIinterfaceisenabledbysettingtheSPInENbithigh,thenintheMasterMode,when
dataiswrittentotheSPInDregister,transmission/receptionwillbeginsimultaneously.Whenthe
datatransferiscomplete,theTRFnflagwillbesetautomatically,butmustbeclearedusingthe
applicationprogram.IntheSlaveMode,whentheclocksignalfromthemasterhasbeenreceived,
anydataintheSPInDregisterwillbetransmittedandanydataontheSnDIpinwillbeshiftedinto
theSPInDregister.ThemastershouldoutputanSnCSsignaltoenabletheslavedevicebeforea
clocksignalisprovided.Theslavedatatobetransferredshouldbewellpreparedattheappropriate
momentrelativetotheSnCSsignaldependingupontheconfigurationsoftheCKPOLBnbitand
CKEGnbit.Theaccompanyingtimingdiagramshowstherelationshipbetweentheslavedataand
SnCSsignalforvariousconfigurationsoftheCKPOLBnandCKEGnbits.TheSPIwillcontinueto
functionevenintheIDLEMode.
Sn CK ( CK PO LB n= 1, C KEG n= 0)
SP In EN , C SEN n= 1
SP In EN =1 , CS EN n= 0 (E xt er na l Pu ll -H ig h)
Sn CK ( C KPO LB n= 0, C KE Gn =0 )
Sn CK ( CK PO LB n= 1, C KE Gn =1 )
Sn CK ( CK PO LB n= 0, C KE Gn =1 )
Sn D O (C KEG n= 0)
Sn D O (C KEG n= 1)
Sn CS
Sn D I D at a Ca pt ur e
D 7/ D 0D 6/ D 1D 5/ D 2D 4/ D 3D 3/ D 4D 2/ D 5D 1/ D 6D 0/ D 7
D 7/ D 0D 6/ D 1D 5/ D 2D 4/ D 3D 3/ D 4D 2/ D 5D 1/ D 6D 0/ D 7
Wr it e to S PI nD
SPIn Master Mode Timing (n=0 or 1)
Sn CK ( C KPO LB n= 1)
Sn CK ( C KPO LB n= 0)
Sn DO
Sn CS
Sn DI D at a Ca pt ur e
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3
D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to S PI nD
(S nD O does n o t ch ange unt il fi rs t Sn CK e dge )
SPIn Slave Mode Timing – CKEGn=0 (n=0 or 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com