Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 117 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 117 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 121Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 167 page
background image
Rev. 1.50
11�
De�e��e� 01� �01�
Rev. 1.50
117
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
SPI0D Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
"x" unknown
Bit7~0
D7~D0:SPI0Serialbusdataregister
SPI1C0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
SPI1�
SPI11
SPI10
—
—
—
SPI1EN
—
R/W
R/W
R/W
R/W
—
—
—
R/W
—
POR
1
1
1
—
—
—
0
—
Bit7~5
SPI12~SPI10:SPI1OperatingModeControl
000:SPI1mastermode;SPI1clockisfSYS/4
001:SPI1mastermode;SPI1clockisfSYS/16
010:SPI1mastermode;SPI1clockisfSYS/64
011:SPI1mastermode;SPI1clockisfSUB
100:SPI1mastermode;SPI1clockisTM0CCRPmatchfrequency/4
101:SPI1slavemode
110:Unusedmode
111:Unusedmode
ThesebitssetuptheoveralloperatingmodeoftheSPI1function.Aswellasselecting
iftheSPI1function,theyareusedtocontroltheSPI1Master/Slaveselectionandthe
SPI1Masterclockfrequency.TheSPI1clockisafunctionofthesystemclockbutcan
alsobechosentobesourcedfromthefSUBandtheTM0.IftheSPI1SlaveModeis
selectedthentheclockwillbesuppliedbyanexternalMasterdevice.
Bit4~2
Unimplemented,readas“0”
Bit1
SPI1EN:SPI1Control
0:Disable
1:Enable
Thebitistheoverallon/offcontrolfortheSPI1interface.WhentheSPI1ENbitis
clearedtozerotodisabletheSPI1interface,theS1DI,S1DO,S1CKandS1CSlines
willbeinafloatingconditionandtheSPI1operatingcurrentwillbereducedtoa
minimumvalue.WhenthebitishightheSPI1interfaceisenabled.
Bit0
Unimplemented,readas"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com