Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 120 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 120 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 124Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 167 page
background image
Rev. 1.50
1�0
De�e��e� 01� �01�
Rev. 1.50
1�1
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Sn CK ( CK PO LB n= 1)
Sn CK ( CK PO LB n= 0)
Sn DO
Sn CS
Sn DI D at a Ca pt ur e
D7 /D 0D 6/ D1
D5 /D 2D 4/ D3
D3 /D 4D 2/ D5
D1 /D 6D 0/ D7
Wr it e to SPI nD
(S nD O c hanges a s so on as w ri ti ng o cc ur s; S nD O is f lo at in g i f S nC S= 1)
No te :F o r SP In s la ve m ode, i f SP In EN =1 a nd C SE Nn =0 , S PI n is a lw a ys enab le d
and ig no re s th e Sn CS l ev el .
SPIn Slave Mode Timing – CKEGn=1 (n=0 or 1)
Note:datareceivingisstillworkingwhenMCUentershaltmode
Interrupts
Interruptsareanimportantpartofanymicrocontrollersystem.Whenanexternaleventoran
internalfunctionsuchasaTimerModuleoranA/Dconverterrequiresmicrocontrollerattention,
theircorrespondinginterruptwillenforceatemporarysuspensionofthemainprogramallowingthe
microcontrollertodirectattentiontotheirrespectiveneeds.Thedevicecontainsseveralexternal
interruptandinternalinterruptsfunctions.Theexternalinterruptisgeneratedbytheactionofthe
externalINTnpin,whiletheinternalinterruptsaregeneratedbyvariousinternalfunctionssuchas
TMs,TimeBase,LVD,SPI,SCF,chargepumpandtheA/Dconverter.
No.
Interrupt Source
Priority
Vector
a
Exte�nal inte��upt 0
1
04H
�
Multi fun�tion inte��upt 0
TM0 �o�pa�ato� A o� P �at�h inte��upt
�
08H
�
Multi fun�tion inte��upt 1
TM1 �o�pa�ato� A o� P �at�h inte��upt
3
0CH
d
Multi fun�tion inte��upt �
TM� �o�pa�ato� A o� P �at�h inte��upt� EEPROM w�ite inte��upt
4
10H
e
A/D inte��upt
5
14H
f
Multi-fun�tion 3 inte��upt
(Ti�e Base 0 Inte��upt� SPI0 Inte��upt� SPI1 Inte��upt� INT1 Inte��upt)
�
18H
g
Multi-fun�tion 4 inte��upt
(Ti�e Base 1 Inte��upt� SCF� LVD Inte��upt and Cha�ge pu�p Inte��upt)
7
1CH
Interrupt Subroutine Vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com