Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 116 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 116 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 120Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 167 page
background image
Rev. 1.50
11�
De�e��e� 01� �01�
Rev. 1.50
117
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
SPI0C1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
CKPOLB0
CKEG0
MLS0
CSEN0
WCOL0
TRF0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas“0”
Bit5
CKPOLB0:DeterminesthebaseconditionoftheSPI0clockline
0:theS0CKlinewillbehighwhentheclockisinactive
1:theS0CKlinewillbelowwhentheclockisinactive
TheCKPOLB0bitdeterminesthebaseconditionoftheclockline,ifthebitishigh
thentheS0CKlinewillbelowwhentheclockisinactive.WhentheCKPOLB0bitis
lowthentheS0CKlinewillbehighwhentheclockisinactive.
Bit4
CKEG0:DeterminesSPI0S0CKactiveclockedgetype
CKPOLB0=0
0:S0CKishighbaselevelanddatacaptureatS0CKrisingedge
1:S0CKishighbaselevelanddatacaptureatS0CKfallingedge
CKPOLB0=1
0:S0CKislowbaselevelanddatacaptureatS0CKfallingedge
1:S0CKislowbaselevelanddatacaptureatS0CKrisingedge
TheCKEG0andCKPOLB0bitsareusedtosetupthewaythattheclocksignal
outputsandinputsdataontheSPI0bus.Thesetwobitsmustbeconfiguredbefore
datatransferisexecutedotherwiseanerroneousclockedgemaybegenerated.The
CKPOLB0bitdeterminesthebaseconditionoftheclockline,ifthebitishighthen
theS0CKlinewillbelowwhentheclockisinactive.
WhentheCKPOLB0bitislowthentheS0CKlinewillbehighwhentheclockis
inactive.TheCKEG0bitdeterminesactiveclockedgetypewhichdependsuponthe
conditionofCKPOLB0.
Bit3
MLS0:SPI0Datashiftorder
0:LSBfirst
1:MSBfirst
Thisisthedatashiftselectbitandisusedtoselecthowthedataistransferred,either
MSBorLSBfirst.SettingthebithighwillselectMSBfirstandlowforLSBfirst.
Bit2
CSEN0:SPI0S0CSpinControl
0:Disable
1:Enable
TheCSEN0bitisusedasanenable/disablefortheS0CSpin.Ifthisbitislowthen
theS0CSpinwillbedisabledandplacedintoafloatingcondition.Ifthebitishighthe
S0CSpinwillbeenabledandusedasaselectpin.NotethatusingtheCSEN0bitcan
bedisabledorenabledviaconfigurationoption.
Bit1
WCOL0:SPI0WriteCollisionflag
0:Nocollision
1:Collision
TheWCOL0flagisusedtodetectifadatacollisionhasoccurred.Ifthisbitishighit
meansthatdatahasbeenattemptedtobewrittentotheSPI0Dregisterduringadata
transferoperation.Thiswritingoperationwillbeignoredifdataisbeingtransferred.
Thebitcanbeclearedbytheapplicationprogram.NotethatusingtheWCOL0bitcan
bedisabledorenabledviaconfigurationoption.
Bit0
TRF0:SPI0Transmit/ReceiveCompleteflag
0:Dataisbeingtransferred
1:SPI0datatransmissioniscompleted
TheTRF0bitistheTransmit/ReceiveCompleteflagandisset“1”automatically
whenanSPI0datatransmissioniscompleted,butmustsetto“0”bytheapplication
program.Itcanbeusedtogenerateaninterrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com