Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 114 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 114 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 118Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 167 page
background image
Rev. 1.50
114
De�e��e� 01� �01�
Rev. 1.50
115
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
VOL Register
Bit
7
6
5
4
3
2
1
0
Na�e
VOL3
VOL�
VOL1
VOL0
—
—
—
—
R/W
R/W
R/W
R/W
R/W
—
—
—
—
POR
0
0
0
0
—
—
—
—
Bit7~5
VOL3~VOL1:Volumecontrol
000:16-bitDACD[15:0]=DA11,DA11,DA11,DA11,DA11,DA11,DA11,DA11~DA3
001:16-bitDACD[15:0]=DA11,DA11,DA11,DA11,DA11,DA11,DA11~DA2
010:16-bitDACD[15:0]=DA11,DA11,DA11,DA11,DA11,DA11~DA1
011:16-bitDACD[15:0]=DA11,DA11,DA11,DA11,DA11~DA0
100:16-bitDACD[15:0]=DA11,DA11,DA11,DA11~DA0,0
101:16-bitDACD[15:0]=DA11,DA11,DA11~DA0,0,0
110:16-bitDACD[15:0]=DA11,DA11~DA0,0,0,0
111:16-bitDACD[15:0]=DA11~DA0,0,0,0,0
Bit4
VOL0:unusedbit,read/writeable
Thebitcanbeusedasnormalregisterbit.
Bit3~0
Unimplemented,readas“0”
Serial Interface – SPI0, SPI1
ThedevicecontainstwoidenticalSPIinterfaces,knownasSPI0andSPI1.TheSPIinterfaceisoften
usedtocommunicatewithexternalperipheraldevicessuchassensors,FlashorEEPROMmemory
devicesetc.OriginallydevelopedbyMotorola,thefourlineSPIinterfaceisasynchronousserial
datainterfacethathasarelativelysimplecommunicationprotocolsimplifyingtheprogramming
requirementswhencommunicatingwithexternalhardwaredevices.
Thecommunicationisfullduplexandoperatesasaslave/mastertype,wherethedevicecanbe
eithermasterorslave.AlthoughtheSPIinterfacespecificationcancontrolmultipleslavedevices
fromasinglemaster,butthisdeviceprovidesonlyoneSnCSpin.Ifthemasterneedstocontrol
multipleslavedevicesfromasinglemaster,themastercanuseanI/Opintoselecttheslavedevices.
SPI Interface Operation
TheSPIinterfaceisafullduplexsynchronousserialdatalink.Itisafourlineinterfacewithpin
namesSnDI,SnDO,SnCKandSnCS.PinsSnDIandSnDOaretheSerialDataInputandSerial
DataOutputlines,SnCKistheSerialClocklineandSnCSistheSlaveSelectline.AstheSPI
interfacepinsarepin-sharedwithnormalI/Opins,theSPIinterfacemustfirstbeenabledbysetting
thecorrectbitsintheSPInC0andSPInC1registers.Communicationbetweendevicesconnected
totheSPIinterfaceiscarriedoutinaslave/mastermodewithalldatatransferinitiationsbeing
implementedbythemaster.TheMasteralsocontrolstheclocksignal.Asthedeviceonlycontainsa
singleSnCSpinonlyoneslavedevicecanbeutilized.TheSnCSpiniscontrolledbysoftware.
SP I M ast er
SP I S l ave
Sn CK
Sn DO
Sn DI
Sn CS
Sn CK
Sn DI
Sn DO
Sn CS
SPI Master/Slave Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com