Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 111 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 111 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 115Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 167 page
background image
Rev. 1.50
110
De�e��e� 01� �01�
Rev. 1.50
111
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Thediagramshowstheidealtransferfunctionbetweentheanaloginputvalueandthedigitised
outputvaluefortheA/Dconverter.Exceptforthedigitisedzerovalue,thesubsequentdigitised
valueswillchangeatapoint0.5LSBbelowwheretheywouldchangewithouttheoffset,andthe
lastfullscaledigitisedvaluewillchangeatapoint1.5LSBbelowtheVDDorVREFlevel.
FF EH
(
)
A/ D C onv er si on
Re su lt
FFFH
FF DH
03H
02H
01H
0. 5 LS B
0
12
3
409 3 4094 4095 409 6
A nal og In pu t Vo lt age
1. 5 LS B
V DD o r V RE F
409 6
Ideal A/D Transfer Function
A/D Programming Example
ThefollowingtwoprogrammingexamplesillustratehowtosetupandimplementanA/D
conversion.Inthefirstexample,themethodofpollingtheEOCBbitintheADCRregisterisusedto
detectwhentheconversioncycleiscomplete,whereasinthesecondexample,theA/Dinterruptis
usedtodeterminewhentheconversioniscomplete.
Example: using an EOCB polling method to detect the end of conversion
clr ADE
; disable ADC interrupt
mov a, 01H
mov ACSR
; select fSYS/8 as A/D clock
clr ADOFF
mov a, 0FH
; setup ANCSR to configure pins AN0~AN3
mov ANCSR,a
mov a, 00H
; setup ADCR register to configure Port as A/D inputs
mov ADCR, a
; and select AN0 to be connected to the A/D converter
:
:
Start_conversion:
clr START
set START
; reset A/D
clr START
; start A/D
Polling_EOC:
sz EOCB
; poll the ADCR register EOCB bit to detect end
; of A/D conversion
jmp polling_EOC
; continue polling
mov a, ADRL
; read low byte conversion result value
mov adrl_buffer, a
; save result to user defined register
mov a, ADRH
; read high byte conversion result value
mov adrh_buffer, a
; save result to user defined register
:
jmp start_conversion
; start next A/D conversion
Note:TopowerofftheADC,itisnecessarytosetADOFFas“1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com