Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 109 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 109 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 113Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 167 page
background image
Rev. 1.50
108
De�e��e� 01� �01�
Rev. 1.50
109
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
AN7isaninternalA/Dinputwhichisconnectedtothebatteryvoltagedetector.Whenthebattery
voltagedetectorisenabledtheA/Dcanbeusedtomeasurethebatteryvoltage.
VDD
10K
3.3K
To ADC AN7
Battery Voltage Detector
Summary of A/D Conversion Steps
ThefollowingsummarisestheindividualstepsthatshouldbeexecutedinordertoimplementanA/
Dconversionprocess.
• Step1
SelecttherequiredA/DconversionclockbycorrectlyprogrammingbitsADCK2~ADCK0inthe
ACSRregister.
• Step2
EnabletheA/DbyclearingtheADOFFbitintheADCRregistertozero.
• Step3
SelectwhichchannelistobeconnectedtotheinternalA/Dconverterbycorrectlyprogramming
theACS2~ACS0bitswhicharealsocontainedintheADCRregister.
• Step4
SelectwhichpinsaretobeusedasA/Dinputsandconfigurethembycorrectlyprogrammingthe
PCR3~PCR0bitsintheANCSRregister.
• Step5
Iftheinterruptsaretobeused,theinterruptcontrolregistersmustbecorrectlyconfiguredto
ensuretheA/Dconverterinterruptfunctionisactive.Themasterinterruptcontrolbit,EMI,and
theA/Dconverterinterruptbit,ADE,mustbothbesethightodothis.
• Step6
TheanalogtodigitalconversionprocesscannowbeinitialisedbysettingtheSTARTbitin
theADCRregisterfromlowtohighandthenlowagain.Notethatthisbitshouldhavebeen
originallyclearedtozero.
• Step7
Tocheckwhentheanalogtodigitalconversionprocessiscomplete,theEOCBbitintheADCR
registercanbepolled.Theconversionprocessiscompletewhenthisbitgoeslow.Whenthis
occurstheA/DdataregistersADRLandADRHcanbereadtoobtaintheconversionvalue.Asan
alternativemethod,iftheinterruptsareenabledandthestackisnotfull,theprogramcanwaitfor
anA/Dinterrupttooccur.
Note:Whencheckingfortheendoftheconversionprocess,ifthemethodofpollingtheEOCB
bitintheADCRregisterisused,theinterruptenablestepabovecanbeomitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com