Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 105 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 105 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 109Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 167 page
background image
Rev. 1.50
104
De�e��e� 01� �01�
Rev. 1.50
105
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
A/D Converter Control Registers – ADCR, ACSR, ANCSR
TocontrolthefunctionandoperationoftheA/Dconverter,threecontrolregistersknownasADCR,
ACSRandANCSRareprovided.These8-bitregistersdefinefunctionssuchastheselectionof
whichanalogchannelisconnectedtotheinternalA/Dconverter,theA/Dclocksourceaswell
ascontrollingthestartfunctionandmonitoringtheA/Dconverterendofconversionstatus.The
ACS2~ACS0bitsintheADCRregisterdefinetheADCinputchannelnumber.Asthedevice
containsonlyoneactualanalogtodigitalconverterhardwarecircuit,eachoftheindividual8analog
inputsmustberoutedtotheconverter.ItisthefunctionoftheACS2~ACS0bitstodeterminewhich
analogchannelinputpinisactuallyconnectedtotheinternalA/Dconverter.
TheANCSRcontrolregistercontainsthePCR3~PCR0bitswhichdeterminewhichpinsonPortB
areusedasanaloginputsfortheA/DconverterinputandwhichpinsarenottobeusedastheA/D
converterinput.SettingthecorrespondingbithighwillselecttheA/Dinputfunction,clearingthe
bittozerowillselecteithertheI/Oorotherpin-sharedfunction.Whenthepinisselectedtobean
A/Dinput,itsoriginalfunctionwhetheritisanI/Oorotherpin-sharedfunctionwillberemoved.In
addition,anyinternalpull-highresistorsconnectedtothesepinswillbeautomaticallyremovedifthe
pinisselectedtobeanA/Dinput.
ADCR Register
Bit
7
6
5
4
3
2
1
0
Na�e
START
EOCB
ADOFF
—
IDLE_CONV
ACS�
ACS1
ACS0
R/W
R/W
R
R/W
—
R/W
R/W
R/W
R/W
POR
0
1
1
—
0
0
0
0
Bit7
START:StarttheA/Dconversion
0→1→0:Start
0→1:ResettheA/DconverterandsetEOCBto“1”
ThisbitisusedtoinitiateanA/Dconversionprocess.Thebitisnormallylowbutifset
highandthenclearedlowagain,theA/Dconverterwillinitiateaconversionprocess.
WhenthebitissethightheA/Dconverterwillbereset.
Bit6
EOCB:EndofA/Dconversionflag
0:A/Dconversionended
1:A/Dconversioninprogress
ThisreadonlyflagisusedtoindicatewhenanA/Dconversionprocesshascompleted.
Whentheconversionprocessisrunning,thebitwillbehigh.
Bit5
ADOFF:ADCmodulepoweron/offcontrolbit
0:ADCmodulepoweron
1:ADCmodulepoweroff
ThisbitcontrolsthepowertotheA/Dinternalfunction.Thisbitshouldbecleared
tozerotoenabletheA/Dconverter.IfthebitissethighthentheA/Dconverterwill
beswitchedoffreducingthedevicepowerconsumption.AstheA/Dconverterwill
consumealimitedamountofpower,evenwhennotexecutingaconversion,thismay
beanimportantconsiderationinpowersensitivebatterypoweredapplications.
Note:1.ItisrecommendedtosetADOFF=1beforeenteringIDLE/SLEEPModefor
savingpower.
2.ADOFF=1willpowerdowntheADCmodule.
Bit4
Unimplemented,readas“0”
Bit3
IDLE_CONV:MCUhaltmode
0:disable
1:enable
WhenMCUhaltmodeisenabled,ifADCconversionisinworking,theMCUwillenter
haltmode.Andperipheralisnotaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com