Electronic Components Datasheet Search
  English  ▼

X  

HT45F3W Datasheet(PDF) 104 Page - Holtek Semiconductor Inc

Part # HT45F3W
Description  HT45F3W
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F3W Datasheet(HTML) 104 Page - Holtek Semiconductor Inc

Back Button HT45F3W Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F3W Datasheet HTML 108Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 167 page
background image
Rev. 1.50
104
De�e��e� 01� �01�
Rev. 1.50
105
De�e��e� 01� �01�
HT45F3W
R-Type Blood Pressure Meter Flash MCU
HT45F3W
R-Type Blood Pressure Meter Flash MCU
Analog to Digital Converter – ADC
Theneedtointerfacetorealworldanalogsignalsisacommonrequirementformanyelectronic
systems.However,toproperlyprocessthesesignalsbyamicrocontroller,theymustfirstbe
convertedintodigitalsignalsbyA/Dconverters.ByintegratingtheA/Dconversionelectronic
circuitryintothemicrocontroller,theneedforexternalcomponentsisreducedsignificantlywiththe
correspondingfollow-onbenefitsoflowercostsandreducedcomponentspacerequirements.
A/D Overview
Thedevicecontainsamulti-channelanalogtodigitalconverter,channel0~3areforexternalsignal
input,channel4~7areforthePGAandBatteryDetectfunctions.
TheaccompanyingblockdiagramshowstheoverallinternalstructureoftheA/Dconverter,together
withitsassociatedregisters.
PB0
A/D Converter Structure
A/D Converter Data Registers – ADRL, ADRH
AstheinternalA/Dconverterprovidesa12bitdigitalconversationvalueitrequirestwodata
registers,ahighbyteregister,knownasADRH,andalowbyteregister,knownasADRL.Afterthe
conversionprocesstakesplace,theseregisterscanbedirectlyreadbythemicrocontrollertoobtain
thedigitisedconversionvalue.Forasingleconversionvalue,thatiswhentheACCMbitiszero,the
12bitconvertedvalueisstoredinbits0-11.Fortheconversionaccumulationmode,thatiswhenthe
ACCMbitishigh,thefull16-bitsareused,thereforethefull16-bitsareused.
ADRL Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D4
D3
D�
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:ADCdataregisterbit7~bit0
ADRH Register
Bit
7
6
5
4
3
2
1
0
Na�e
D15
D14
D13
D1�
D11
D10
D9
D8
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
D15~D8:ADCdataregisterbit15~bit8
WhenbitACCMissetto1,D12toD15isvalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com