Electronic Components Datasheet Search
  English  ▼

X  

HT45F75 Datasheet(PDF) 81 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 81 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 85Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 190 page
background image
Rev. 1.10
80
De�e��e� 1�� �01�
Rev. 1.10
81
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
Counte� Value
0x3FF
CCRP
CCRA
TnON
TnPAU
TnPOL
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TM O/P Pin
Ti�e
CCRA=0
CCRA = 0
Counte� ove�flow
CCRA > 0 Counte� �lea�ed �y CCRA value
Pause
Resu�e
Stop
Counte� Resta�t
TnCCLR = 1; TnM [1:0] = 00
Output pin set to
initial Level Low
if TnOC=0
Output Toggle with
TnAF flag
Note TnIO [1:0] = 10
A�tive High Output sele�t
He�e TnIO [1:0] = 11
Toggle Output sele�t
Output not affe�ted �y
TnAF flag. Re�ains High
until �eset �y TnON �it
Output Pin
Reset to Initial value
Output �ont�olled �y
othe� pin-sha�ed fun�tion
Output Inve�ts
when TnPOL is high
TnPF not
gene�ated
No TnAF flag
gene�ated on
CCRA ove�flow
Output does
not �hange
Compare Match Output Mode – TnCCLR=1 (n=0)
Note:1.WithTnCCLR=1,aComparatorAmatchwillclearthecounter
2.TheTMoutputpiniscontrolledonlybytheTnAFflag
3.TheoutputpinisresettoitsinitialstatebyaTnONbitrisingedge
4.TheTnPFflagisnotgeneratedwhenTnCCLR=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com