Electronic Components Datasheet Search
  English  ▼

X  

HT45F75 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 190 page
background image
Rev. 1.10
30
De�e��e� 1�� �01�
Rev. 1.10
31
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
W�ite
Flash Me�o�y
Flash Me�o�y
W�ite Fun�tion
Ena�le P�o�edu�e
Set FWT=1
FWT=0 ?
No
Set Blo�k E�ase add�ess: FARH/FARL
Set FMOD [�:0]=001 & FWT=1
Sele�t "Blo�k E�ase �ode"
& Initiate w�ite ope�ation
FWT=0 ?
Yes
No
Clea� CFWEN=0
END
W�ite Finish ?
No
Set FMOD [�:0]=000
Sele�t "W�ite Flash Mode"
Set W�ite sta�ting add�ess: FARH/FARL
W�ite data to data �egiste�:
FD0L/FD0H� FD1L/FD1H
FD�L/FD�H� FD3L/FD3H
Yes
Yes
Write Flash Memory Procedure
Note:WhentheFWTorFRDbitissetto1,theMCUisstopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com