Electronic Components Datasheet Search
  English  ▼

X  

HT45F75 Datasheet(PDF) 88 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 88 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 92Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 190 page
background image
Rev. 1.10
88
De�e��e� 1�� �01�
Rev. 1.10
89
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
andTnIO0bitsmustbedifferentfromtheinitialvaluesetupusingtheTnOCbit
otherwisenochangewilloccurontheTMoutputpinwhenacomparematchoccurs.
AftertheTMoutputpinchangesstate,itcanberesettoitsinitiallevelbychanging
theleveloftheTnONbitfromlowtohigh.
InthePWMMode,theTnIO1andTnIO0bitsdeterminehowtheTMoutputpin
changesstatewhenacertaincomparematchconditionoccurs.ThePWMoutput
functionismodifiedbychangingthesetwobits.Itisnecessarytochangethevalues
oftheTnIO1andTnIO0bitsonlyaftertheTMhasbeenswitchedoff.Unpredictable
PWMoutputswilloccuriftheTnIO1andTnIO0bitsarechangedwhentheTMis
running.
Bit3
TnOC:TPn_0,TPn_1Outputcontrolbit
CompareMatchOutputMode
0:Initiallow
1:Initialhigh
PWMMode/SinglePulseOutputMode
0:Activelow
1:Activehigh
ThisistheoutputcontrolbitfortheTMoutputpin.Itsoperationdependsupon
whetherTMisbeingusedintheCompareMatchOutputModeorinthePWMMode/
SinglePulseOutputMode.IthasnoeffectiftheTMisintheTimer/CounterMode.In
theCompareMatchOutputModeitdeterminesthelogicleveloftheTMoutputpin
beforeacomparematchoccurs.InthePWMModeitdeterminesifthePWMsignalis
activehighoractivelow.
Bit2
TnPOL:TPn_0,TPn_1OutputpolarityControl
0:Non-invert
1:Invert
ThisbitcontrolsthepolarityoftheTPn_0,TPn_1outputpin.Whenthebitissethigh
theTMoutputpinwillbeinvertedandnotinvertedwhenthebitiszero.Ithasno
effectiftheTMisintheTimer/CounterMode.
Bit1
TnCAPTS:TMncapturetriggersourceselect
0:FromTPn_0,TPn_1pin
1:FromTCKnpin
Bit0
TnCCLR:SelectTMnCounterclearcondition
0:TMnComparatrorPmatch
1:TMnComparatrorAmatch
Thisbitisusedtoselectthemethodwhichclearsthecounter.Rememberthatthe
PeriodicTMcontainstwocomparators,ComparatorAandComparatorP,eitherof
whichcanbeselectedtocleartheinternalcounter.WiththeTnCCLRbitsethigh,
thecounterwillbeclearedwhenacomparematchoccursfromtheComparatorA.
Whenthebitislow,thecounterwillbeclearedwhenacomparematchoccursfrom
theComparatorPorwithacounteroverflow.Acounteroverflowclearingmethodcan
onlybeimplementediftheCCRPbitsareallclearedtozero.TheTnCCLRbitisnot
usedinthePWM,SinglePulseorInputCaptureMode.
PTMnDL Register (n=1 or 2)
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D�
D3
D�
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
PTMnDL:TMnCounterLowByteRegisterbit7~bit0
TMn10-bitCounterbit7~bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com