Electronic Components Datasheet Search
  English  ▼

X  

HT45F75 Datasheet(PDF) 102 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 102 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 106Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 190 page
background image
Rev. 1.10
10�
De�e��e� 1�� �01�
Rev. 1.10
103
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
A/D Data Rate Definition
Thedelta-sigmaADCdataratecanbecalculatedusingtheequationsbelow:
DataRate=(ADCclock)/(FLMS[2:0]×ADOR[2:0])
WheretheADCclockissourcedfromfMCLKandFLMS[2:0]selectstheADCmodeanddefinesa
constantnumberwhichcanonlybe30or12.AlsoADOR[2:0]definesthechopperaveragefunction
andtheOver-SamplingRating(OSR).
Forexample,ifadatarateof10Hzisdesired,thenfora4.8MHzADCclock,setFLMS[2:0]=000b
(ADCoutputinnormalmodeandclockdividedby30).ThensetADOR[2:0]=001btodefine
chopper=2andOSR=8192.
ThustheDataRate=4.8MHz/(30×2×8192)=10Hz
Inaddition,theA/Dconvertercanprovideadatarateof3.2kHzforautopoweron.
A/D Converter Register Description
OveralloperationoftheA/Dconverteriscontrolledusing9registers.Agroupofreadonlyregisters
existtostoretheADCdata20-bitvalue.Theremainingsixregistersarecontrolregisterswhichset
upthegainselectionsandcontrolfunctionsoftheA/Dconverter.
Register
Name
Bit
7
6
5
4
3
2
1
0
PGAC0
—
VGS1
VGS0
AGS1
AGS0
PGS�
PGS1
PGS0
PGAC1
VCMS
INIS
—
—
DCSET� DCSET1 DCSET0
—
PGACS
—
—
CHSN�
CHSN1
CHSN0
CHSP�
CHSP1
CHSP0
ADRL
D7
D�
D5
D�
D3
D�
D1
D0
ADRM
D15
D1�
D13
D1�
D11
D10
D9
D8
ADRH
—
—
—
—
D19
D18
D17
D1�
ADCR0
ADRST
ADSLP
ADOFF
ADOR�
ADOR1
ADOR0
—
VREFS
ADCR1
FLMS�
FLMS1
FLMS0 VRBUFN VRBUFP ADCDL
EOC
—
ADCS
—
—
—
ADCK�
ADCK3
ADCK�
ADCK1
ADCK0
A/D Converter Register List
Programmable Gain Amplifier – PGA
Therearethreeregistersrelatedtotheprogrammablegaincontrol,PGAC0,PGAC1andPGACS.
ThePGAC0resisterisusedtoselectthePGAgain,ADCgainandtheADCreferencegain.As
well,thePGAC1registerisusedtodefinetheinputconnection,differentialinputoffsetvoltage
adjustmentcontrolandtheVCMvoltageselection.Inaddition,ThePGACSregisterisusedtoselect
theinputendsforthePGA.Therefore,theinputchannelshavetobedeterminedbytheCHSP2~0
andCHSN2~0bitstodeterminewhichanalogchannelinputpins,RFCpin,temperaturedetector
inputsorinternalpowersupplyareactuallyconnectedtotheinternaldifferentialA/Dconverter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com