Electronic Components Datasheet Search
  English  ▼

X  

HT45F75 Datasheet(PDF) 144 Page - Holtek Semiconductor Inc

Part # HT45F75
Description  Body Fat Scale Flash MCU
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F75 Datasheet(HTML) 144 Page - Holtek Semiconductor Inc

Back Button HT45F75 Datasheet HTML 140Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 141Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 142Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 143Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 144Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 145Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 146Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 147Page - Holtek Semiconductor Inc HT45F75 Datasheet HTML 148Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 190 page
background image
Rev. 1.10
1��
De�e��e� 1�� �01�
Rev. 1.10
1�5
De�e��e� 1�� �01�
HT45F75
Body Fat Scale Flash MCU
HT45F75
Body Fat Scale Flash MCU
IR Modulation Interface
TheUARTinterfacehasanintegratedIRmodulationinterface.Infraredmodulationfrequency
controlbyregisterIRCTRL0,itsvalueisanyintegerbetween0and127.
UA RT
IR m o dul at io n
IR CT RL 0/ 1
RX
TX
Infraredmodulation:WhenTXD=0only,theIRmodulationwillproduceinfraredmixingandoutput
data.TomeettheneedsofbothPNPandNPNinfrareddrivertube,locatedintheregisterIRCTRL0
bit7IRTC,controlthepolarityoftheoutputoftheinfraredmodulation.IRTC=0forpositivepolarity
output,suitableforPNPtransistordriver;IRTC=1foranegativeoutput,suitablefortheNPNdriver.
Seebelow:
F�a��y
TXD
IR TXD
(IRTC=0)
IR TXD
(IRTC=1)
1
0
0
0
00
11
1
11
1
0
IRCTRL0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
IRTC
IRDC�
IRDC5
IRDC�
IRDC3
IRDC�
IRDC1
IRDC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
IRTC:IRmodulationoutputpolarityselect
0:Negative
1:Positive
Bit6~0
IRDC6~IRDC0:IRmodulationfrequencydividercoefficient
Fcarry=(fSYS/(IRDC+1))/2
IRCTRL1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
—
—
IRME0
R/W
—
—
—
—
—
—
—
R/W
POR
—
—
—
—
—
—
—
0
Bit7~1
Unimplemented,readas“0”
Bit0
IRME0:UARTTXIRmodulationcontrol
0:UARTTXIRmodulationdisable
1:UARTTXIRmodulationenable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com