Electronic Components Datasheet Search
  English  ▼

X  

HT66F0185 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66F0185
Description  A/D Flash MCU with EEPROM
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0185 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66F0185 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 207 page
background image
Rev. 1.40
1�
De�e��e� 0�� �01�
Rev. 1.40
13
De�e��e� 0�� �01�
HT66F0175/HT66F0185
A/D Flash MCU with EEPROM
HT66F0175/HT66F0185
A/D Flash MCU with EEPROM
Pad Name
Function
OPT
I/T
O/T
Description
PC�/SDO/SSEG0/
SCOM0
PC�
PCPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SDO
SIMC0
IFS
—
CMOS SPI data output
SSEG0
SLCDC0
SLCDC1
—
SSEG Softwa�e �ont�olled LCD seg�ent output
SCOM0
SLCDC0
SLCDC1
—
SCOM Softwa�e �ont�olled LCD �o��on output
PC3/SDI/SDA/
SSEG19
PC3
PCPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SDI
SIMC0
IFS
ST
—
SPI data input
SDA
SIMC0
IFS
ST
NMOS I�C data line
SSEG19
SLCDC3
—
SSEG Softwa�e �ont�olled LCD seg�ent output
PC4/SCK/SCL/
SSEG1/SCOM1
PC4
PCPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
SCK
SIMC0
IFS
ST
CMOS SPI se�ial �lo�k
SCL
SIMC0
IFS
ST
NMOS I�C �lo�k line
SSEG1
SLCDC0
SLCDC1
—
SSEG Softwa�e �ont�olled LCD seg�ent output
SCOM1
SLCDC0
SLCDC1
—
SCOM Softwa�e �ont�olled LCD �o��on output
PC5/[INT1]/
SSEG11
PC5
PCPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
[INT1]
INTEG
IFS
ST
—
Exte�nal Inte��upt 1
SSEG11
SLCDC�
—
SSEG Softwa�e �ont�olled LCD seg�ent output
PC�/[INT0]/
SSEG1�
PC�
PCPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up.
[INT0]
INTEG
IFS
ST
—
Exte�nal Inte��upt 0
SSEG1�
SLCDC�
—
SSEG Softwa�e �ont�olled LCD seg�ent output
VDD&AVDD
VDD
—
PWR
—
Positive powe� supply
AVDD
—
PWR
—
A/D �onve�te� positive powe� supply
VSS&AVSS
VSS
—
PWR
—
Negative powe� supply� g�ound.
AVSS
—
PWR
—
A/D �onve�te� negative powe� supply� g�ound.
Note:I/T:Inputtype;
O/T:Outputtype;
OPT:Optionalbyconfigurationoption(CO)orregisteroption;
CO:Configurationoption;
ST:SchmittTriggerinput; AN:Analoginput;
CMOS:CMOSoutput;
NMOS:NMOSoutput;
AO:Analogoutput;
SSEG:SoftwarecontrolledLCDSEG;
SCOM:SoftwarecontrolledLCDCOM;
HXT:Highfrequencycrystaloscillator;
LXT:Lowfrequencycrystaloscillator
PWR:Power
*TheAVDDpinisinternallybondedtogetherwiththeVDDpinwhiletheAVSSpinisinternallybonded
togetherwiththeVSSpin.
AsthePinDescriptionSummarytableappliestothepackagetypewiththemostpins,notalloftheabovelisted
pinsmaybepresentonpackagetypeswithsmallernumbersofpins.
HT66F0185
Pad Name
Function
OPT
I/T
O/T
Description
PA0/TP0/ICPDA/
OCDSDA
PA0
PAWU
PAPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-up and
wake-up.
TP0
TMPC
ST
CMOS TM0 input/output
ICPDA
—
ST
CMOS ICP Data/Add�ess pin
OCDSDA
—
ST
CMOS OCDS Data/Add�ess pin� fo� EV �hip only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com