Electronic Components Datasheet Search
  English  ▼

X  

HT66F0185 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT66F0185
Description  A/D Flash MCU with EEPROM
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0185 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT66F0185 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F0185 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 207 page
background image
Rev. 1.40
�0
De�e��e� 0�� �01�
Rev. 1.40
�1
De�e��e� 0�� �01�
HT66F0175/HT66F0185
A/D Flash MCU with EEPROM
HT66F0175/HT66F0185
A/D Flash MCU with EEPROM
Frequency Accuracy trimmed 12MHz at VDD=5V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fHIRC
High Speed Inte�nal RC os�illato�
(HIRC)
5V
Ta = �5°C
-�%
1�
+�%
MHz
5V ± 0.5V Ta = 0°C ~ 70°C
-5%
1�
+5%
MHz
5V ± 0.5V Ta = -40°C ~ 85°C
-7%
1�
+7%
MHz
�.�V ~ 5.5V Ta = 0°C ~ 70°C
-7%
1�
+7%
MHz
�.�V ~ 5.5V Ta = -40°C ~ 85°C
-10%
1�
+10%
MHz
5V
Ta = �5°C
-�0%
8
+�0%
MHz
5V
Ta = �5°C
-�0%
1�
+�0%
MHz
Frequency Accuracy trimmed 16MHz at VDD=5V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fHIRC
High Speed Inte�nal RC os�illato�
(HIRC)
5V
Ta = �5°C
-�%
1�
+�%
MHz
5V ± 0.5V Ta = 0°C ~ 70°C
-5%
1�
+5%
MHz
5V ± 0.5V Ta = -40°C ~ 85°C
-7%
1�
+7%
MHz
�.�V ~ 5.5V Ta = 0°C ~ 70°C
-7%
1�
+7%
MHz
�.�V ~ 5.5V Ta = -40°C ~ 85°C
-10%
1�
+10%
MHz
5V
Ta = �5°C
-�0%
8
+�0%
MHz
5V
Ta = �5°C
-�0%
1�
+�0%
MHz
A/D Converter Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
�.7
—
5.5
V
VADI
Input Voltage
—
—
0
—
VR\EF
V
VREF
Refe�en�e Voltage
—
—
�
—
VDD
V
DNL
Diffe�ential Non-linea�ity
3V
VREF=VDD� tADCK =0.5μs
-3
—
3
LSB
5V
INL
Integ�al Non-linea�ity
3V
VREF=VDD� tADCK =0.5μs
-4
—
4
LSB
5V
IADC
Additional Cu��ent Consu�ption
fo� A/D Conve�te� Ena�le
3V
No load� tADCK =0.5μs
—
1.0
�.0
�A
5V
—
1.5
3.0
�A
tADCK
Clo�k Pe�iod
—
—
0.5
—
10
μs
tADC
Conve�sion Ti�e (A/D Sa�ple and Hold
Ti�e)
—
—
—
1�
—
tADCK
tON�ST
A/D Conve�te� On-to-Sta�t Ti�e
—
—
4
—
—
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com