Electronic Components Datasheet Search
  English  ▼

X  

PS9013 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS9013
Description  1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9013 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS9013 Datasheet HTML 1Page - Renesas Technology Corp PS9013 Datasheet HTML 2Page - Renesas Technology Corp PS9013 Datasheet HTML 3Page - Renesas Technology Corp PS9013 Datasheet HTML 4Page - Renesas Technology Corp PS9013 Datasheet HTML 5Page - Renesas Technology Corp PS9013 Datasheet HTML 6Page - Renesas Technology Corp PS9013 Datasheet HTML 7Page - Renesas Technology Corp PS9013 Datasheet HTML 8Page - Renesas Technology Corp PS9013 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PS9013
Chapter Title
R08DS0136EJ0100 Rev.1.00
Page 4 of 15
Mar 11, 2016
ORDERING INFORMATION
Part Number
Order Number
Solder
Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part
Number*1
PS9013
PS9013-Y-AX
Pb-Free and
Halogen Free
(Ni/Pd/Au)
20 pcs (Tape 20 pcs cut)
Standard products
(UL,CSA approved)
PS9013
PS9013-F3
PS9013-Y-F3-AX
Embossed Tape 3 000
pcs/reel
PS9013-V
PS9013-Y-V-AX
20 pcs (Tape 20 pcs cut)
UL,CSA approved
DIN EN 60747-5-5
(VDE 0884-5):
2011-11 approved
(Option)
PS9013-V-F3
PS9013-Y-V-F3-AX
Embossed Tape 3 000
pcs/reel
Note:
*1. For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current*1
IF
25
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VCC
0.5 to +30
V
Output Voltage
VO
0.5 to +30
V
Output Current
IO
15
mA
Power Dissipation*2
PC
250
mW
Isolation Voltage *3
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
40 to +125
C
Storage Temperature
Tstg
55 to +150
C
Notes: *1. Reduced to 0.325 mA/
C at TA = 85C or more.
*2. Reduced to 4.15 mW/
C at TA = 85C or more
*3. AC voltage for 1 minute at TA = 25
C, RH = 60% between input and output.
Pins 1-3 shorted together, 4-6 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
4.5
15
25
V
Forward Current (ON)
IF (ON)
8
12
mA
Forward Voltage (OFF)
VF (OFF)
-2
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com