Electronic Components Datasheet Search
  English  ▼

X  

PS9013 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS9013
Description  1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9013 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS9013 Datasheet HTML 1Page - Renesas Technology Corp PS9013 Datasheet HTML 2Page - Renesas Technology Corp PS9013 Datasheet HTML 3Page - Renesas Technology Corp PS9013 Datasheet HTML 4Page - Renesas Technology Corp PS9013 Datasheet HTML 5Page - Renesas Technology Corp PS9013 Datasheet HTML 6Page - Renesas Technology Corp PS9013 Datasheet HTML 7Page - Renesas Technology Corp PS9013 Datasheet HTML 8Page - Renesas Technology Corp PS9013 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
R08DS0136EJ0100 Rev.1.00
Page 1 of 15
Mar 11, 2016
Data Sheet
PS9013
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
DESCRIPTION
The PS9013 is an optically coupled isolator containing a GaAlAs LED on the input side and a photo diode and a signal
processing circuit on the output side on one chip.The PS9013 is specified high CMR and pulse width distortion with
operating temperature. It is suitable for IPM drive.
FEATURES
 Long creepage distance (8 mm MIN.)
 High common mode transient immunity (CM
H, CML = 50 kV/s MIN.)
 Operating Ambient Temperature (125 C MAX.)
 High-speed response (t
PHL = 500 ns MAX., tPLH = 750 ns MAX.)
 Maximum propagation delays (t
PLH – tPHL = 270 ns TYP.)
 High isolation voltage (BV = 5 000 Vr.m.s.)
 Open collector output
 Embossed tape product : PS9013-F3: 3 000 pcs/reel
 Pb-Free product
 Safety standards
 UL approved: UL1577, Double protection
 CSA approved: CA5A, CAN/CSA-C22.2 60065, CAN/CSA-C22.2 60950-1, Reinforced insulation)
 VDE approval: DIN EN 60747-5-5 (Option)
APPLICATIONS
 IPM Driver
 General purpose inverter
R08DS0136EJ0100
Rev.1.00
Mar 11, 2016
Start of mass production
Mar.2016
1. Anode
2. Cathode
3. GND
4. VO
5. VCC
PIN CONNECTION
(Top View)
53
12
4


Similar Part No. - PS9013

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
PS9010AD SENSORTECHNICS-PS9010AD Datasheet
256Kb / 4P
OEM silicon stainless steel pressure sensor
PS9010AE SENSORTECHNICS-PS9010AE Datasheet
256Kb / 4P
OEM silicon stainless steel pressure sensor
PS9010AF SENSORTECHNICS-PS9010AF Datasheet
256Kb / 4P
OEM silicon stainless steel pressure sensor
PS9010AG SENSORTECHNICS-PS9010AG Datasheet
256Kb / 4P
OEM silicon stainless steel pressure sensor
PS9010GD SENSORTECHNICS-PS9010GD Datasheet
256Kb / 4P
OEM silicon stainless steel pressure sensor
More results

Similar Description - PS9013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9117 CEL-PS9117 Datasheet
412Kb / 13P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9124 CEL-PS9124 Datasheet
988Kb / 17P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113_15 Datasheet
284Kb / 18P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9113 RENESAS-PS9113_16 Datasheet
373Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP (SO-5) PHOTOCOUPLER
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PS9001 RENESAS-PS9001 Datasheet
859Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 5-PIN SOP (LSO5 WITH 8mm CREEPAGE DISTANCE) PHOTOCOUPLER
RV1S9213A RENESAS-RV1S9213A Datasheet
6Mb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER,
Nov 11,2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com