Electronic Components Datasheet Search
  English  ▼

X  

PS9013 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS9013
Description  1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9013 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9013 Datasheet HTML 3Page - Renesas Technology Corp PS9013 Datasheet HTML 4Page - Renesas Technology Corp PS9013 Datasheet HTML 5Page - Renesas Technology Corp PS9013 Datasheet HTML 6Page - Renesas Technology Corp PS9013 Datasheet HTML 7Page - Renesas Technology Corp PS9013 Datasheet HTML 8Page - Renesas Technology Corp PS9013 Datasheet HTML 9Page - Renesas Technology Corp PS9013 Datasheet HTML 10Page - Renesas Technology Corp PS9013 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PS9013
Chapter Title
R08DS0136EJ0100 Rev.1.00
Page 7 of 15
Mar 11, 2016
TYPICAL CHARACTERISTICS (TA = 25
C, unless otherwise specified)
Remark The graphs indicate nominal characteristics.
20.0
10.0
5.0
0.0
15.0
16
14
12
8
6
2
0
OUTPUT CURRENT vs.
FORWARD CURRENT
Forward Current IF (mA)
10
4
VO=0.6V
TA=40℃
TA=25℃
TA=125℃
25
20
15
5
0
10
700
500
100
200
0
Forward Current IF (mA)
600
400
300
tPLH
|tPHL‐tPLH|
tPHL
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. FORWARD CURRENT
Vcc=15V
CL=100pF
RL=20KΩ
30
20
0
10
2000
1400
200
600
0
Supply Voltage VCC (V)
1800
1200
800
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. SUPPLY VOLTAGE
1600
1000
400
tPLH
tPHL
|tPHL‐tPLH|
IF=10mA
CL=100pF
RL=20KΩ
700
500
100
200
0
600
400
300
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
PWD
150
125
75
50
0
-25
-50
25
100
Ambient Temperature TA (℃)
Vcc=15V
IF=10mA
CL=100pF
RL=20KΩ
tPLH
tPHL
500
300
0
200
2000
1400
200
600
0
Load Capacitance CL (pF)
1800
1200
800
PROPAGATION DELAY TIME
vs. LOAD CAPACITANCE
1600
1000
400
100
400
tPLH
tPHL
IF=10mA
Vcc=15V
RL=20KΩ
50
30
10
020
40
1200
1000
800
600
400
200
0
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. LOAD RESISTANCE
Load Resistance RL (KΩ)
IF=10mA
Vcc=15V
CL=100pF
tPLH
|t
PHL‐tPLH|
tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com