Electronic Components Datasheet Search
  English  ▼

X  

HT7M2127 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT7M2127
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2127 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT7M2127 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Rev. 1.20
6
June 17, 2016
HT7M2126/27/36/56/76
Temperature Sensor Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Analog Voltage
—
—
2.7
—
5.5
V
VREFO
Bandgap Output voltage
3V No Load
-3%
1.04
+3%
V
VTPS
Temperature Sensor Voltage
—
Bypass pre-buffer
-10%
0.91
+10%
V
Tslope
Temperature Sensor Slope
—
Bypass pre-buffer
—
3.12
—
mV/°C
Power-on Reset Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Voltage to Ensure Power-on Reset
—
—
—
—
100
mV
RRVDD
VDD Rising Rate to Ensure Power-on Reset
—
—
0.035
—
—
V/ms
tPOR
Minimum Time for VDD Stays at VPOR to
Ensure Power-on Reset
—
—
1
—
—
ms
VDD
tPOR
RRVDD
VPOR
Time
Timing Diagrams
I2C Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com