Electronic Components Datasheet Search
  English  ▼

X  

HT7M2127 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7M2127
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2127 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7M2127 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Rev. 1.20
1
June 17, 2016
Rev. 1.00
PB
June 17, 2016
HT7M2126/27/36/56/76
PIR Detector Miniaturized Module
General Description
Holtek’s human body infrared detector micro mod�
micro mod�
mod�
ules, the HT7M21xx series, come fully integrated
with optical lenses, a passive infrared (PIR) sensor
and DSP algorithms. These modules include a wide
range of features such as low power consumption,
an I2C communication interface and DSP algorithms
which improve the reliability of the PIR detector.
Their application range includes home security and
surveillance system as well as basic industrial safety
detection.
Features
• Operating voltage: 2.7V ~ 5.5V
• Operating temperature: �10 ~ 60°C
• Low power consumption:
♦
Operating mode (Moving objects to be detected)
< 1.5mA
♦
Standbywithdetectingmode<50μA(Operating
voltage 3.3V)
• Intelligent signal recognition algorithm
• Optional communication interfaces: I2C for
Network Mode or I/O for Stand�alone Mode
• Adjustable sensing sensitivity – Network Mode
• Customisable trigger modes: Single/Continuous –
Network Mode
• Adjustable trigger output time: 16�bit×100ms –
Network Mode
• Low voltage detection: 2.0/2.2/2.4/2.7/3.0/3.3/3.6/
4.0V options – Network Mode
• Supports external optical sensors (eg. photo
transistors)
• Integrated temperature sensor with temperature
compensation
• Quick stabilisation: ready for stable operation
within 12 seconds after power on
Applications
• Security Monitoring Systems
• Intelligent Lighting Control
• Home Appliances Energy�saving Control
• OfficeandFactoryEquipmentAutomation
Block Diagram


Similar Part No. - HT7M2127

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT7005L HYES-HT7005L Datasheet
1Mb / 23P
LCD MODULE
HT7005L-T HYES-HT7005L-T Datasheet
1Mb / 23P
LCD MODULE
logo
Hirose Electric
HT702 HIROSE-HT702 Datasheet
1Mb / 12P
High Current Connector
HT702 HIROSE-HT702 Datasheet
464Kb / 8P
Interface Connector for Railway Applications
logo
Holtek Semiconductor In...
HT7022A HOLTEK-HT7022A Datasheet
131Kb / 16P
Voltage Detector
January 14, 2003
More results

Similar Description - HT7M2127

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6501LP LSI-LS6501LP Datasheet
76Kb / 8P
PIR MOTION DETECTOR
logo
List of Unclassifed Man...
KC7783 ETC-KC7783 Datasheet
32Kb / 1P
PIR Sensor Module
KC7786 ETC-KC7786 Datasheet
73Kb / 1P
PIR Sensor Module
M2006C ETC-M2006C Datasheet
197Kb / 5P
PIR Motion Detector
KC7783R ETC2-KC7783R Datasheet
69Kb / 1P
PIR Module Low Cost version
SKP-MS401 ETC2-SKP-MS401 Datasheet
169Kb / 1P
SMALL PIR MODULE WITH LENS
logo
ON Semiconductor
NCS36000DG ONSEMI-NCS36000DG Datasheet
211Kb / 8P
Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000DG ONSEMI-NCS36000DG Datasheet
189Kb / 8P
Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000 ONSEMI-NCS36000_15 Datasheet
147Kb / 8P
Passive Infrared (PIR) Detector Controller
December, 2015 ??Rev. 3
logo
List of Unclassifed Man...
HC-SR501 ETC2-HC-SR501 Datasheet
859Kb / 3P
PIR MOTION DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com