Electronic Components Datasheet Search
  English  ▼

X  

HT7M2127 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT7M2127
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2127 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT7M2127 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 19Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 20Page - Holtek Semiconductor Inc HT7M2127 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Rev. 1.20
17
June 17, 2016
HT7M2126/27/36/56/76
UpperByte = i2c_read(ACK);
// READ 8 bits (UpperByte = High 4bit)
// and Send ACK bit
LowerByte = i2c_read(NAK);
// READ 8 bits (LowerByte = Low 8bit)
// and Send NAK bit
6. Optical Sensor RAW DATA
• Optical Sensor A/D CONVERSION RAW DATA → ADDRESS: 06H
Bit
15
14
13
12
11
10
9
8
Name
—
—
—
—
LumiRAW11 LumiRAW10 LumiRAW9 LumiRAW8
R/W
—
—
—
—
R
R
R
R
Bit
7
6
5
4
3
2
1
0
Name
LumiRAW7 LumiRAW6 LumiRAW5 LumiRAW4 LumiRAW3 LumiRAW2 LumiRAW1 LumiRAW0
R/W
R
R
R
R
R
R
R
R
Bit 15~12
Unimplemented read as 0
Bit 11~0
LumiRAW11~LumiRAW0: Optical Sensor Signal A/D Conversion Raw Data
Note: To Read the environment brightness value that can be used to setting brightness threshold
value.
(To read special brightness and then to write in lumi (02H Msb) registers)
Note:Thisisanexampleroutine:(SeeAppendixB:“SourceCode”)
i2c_start();
// send START command
i2c_write(AddressByte & 0xFE); // WRITE Command
// also, make sure bit 0 is cleared ‘0’
i2c_write(0x06);
// Write PHORAW Register
i2c_start();
// send Repeat START command
i2c_write(AddressByte | 0x01); // READ Command
// also, make sure bit 0 is set ‘1’
UpperByte = i2c_read(ACK);
// READ 8 bits (UpperByte = High 4bit)
// and Send ACK bit
LowerByte = i2c_read(NAK);
// READ 8 bits (LowerByte = Low 8bit)
// and Send NAK bit
7. Temperature RAW DATA
• Temperature Sensor A/D CONVERSTION RAW DATA → ADDRESS: 07H
Bit
15
14
13
12
11
10
9
8
Name
—
—
—
—
TsRAW11
TsRAW10
TsRAW9
TsRAW8
R/W
—
—
—
—
R
R
R
R
Bit
7
6
5
4
3
2
1
0
Name
TsRAW7
TsRAW6
TsRAW5
TsRAW4
TsRAW3
TsRAW2
TsRAW1
TsRAW0
R/W
R
R
R
R
R
R
R
R
Bit 15~12
Unimplemented read as 0
Bit 11~0
TsRAW11~TsRAW0: Temperature Signal A/D Conversion Raw data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com