Electronic Components Datasheet Search
  English  ▼

X  

HT67F2350 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT67F2350
Description  Advanced A/D Flash MCU with LCD & EEPROM
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F2350 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT67F2350 Datasheet HTML 41Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 42Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 43Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 44Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 45Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 46Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 47Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 48Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 292 page
background image
Rev. 1.00
44
De�e��e� 0�� �01�
Rev. 1.00
45
De�e��e� 0�� �01�
HT67F2350/HT67F2360
HT67F2370/HT67F2390
Advanced A/D Flash MCU with LCD & EEPROM
HT67F2350/HT67F2360
HT67F2370/HT67F2390
Advanced A/D Flash MCU with LCD & EEPROM
Input/Output Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VIL
Input Low Voltage fo� I/O Po�ts o� Input
Pins
5V
—
0
—
1.5
V
—
—
0
—
0.�VDD
Input Low Voltage fo� Exte�nal Reset Pin
—
—
0
—
0.4VDD
VIH
Input High Voltage fo� I/O Po�ts o� Input
Pins
5V
—
3.5
—
5.0
V
—
—
0.8VDD
—
VDD
Input High Voltage fo� Exte�nal Reset Pin
—
—
0.9VDD
—
VDD
IOL
Sink Cu��ent fo� I/O Pins
3V
VOL=0.1VDD
1�
3�
—
�A
5V
3�
�4
—
IOH
Sou��e Cu��ent fo� I/O Pins
3V VOH=0.9VDD�
SLEDCn[�+1:�]=00�
n=0� 1� �� 3 o� 4� �=0� ��
4 o� �
-0.7
-1.5
—
�A
5V
-1.5
-�.9
—
3V VOH=0.9VDD�
SLEDCn[�+1:�]=01�
n=0� 1� �� 3 o� 4� �=0� ��
4 o� �
-1.3
-�.5
—
5V
-�.5
-5.1
—
3V VOH=0.9VDD�
SLEDCn[�+1:�]=10�
n=0� 1� �� 3 o� 4� �=0� ��
4 o� �
-1.8
-3.�
—
5V
-3.�
-7.3
—
3V VOH=0.9VDD�
SLEDCn[�+1:�]=11�
n=0� 1� �� 3 o� 4� �=0� ��
4 o� �
-4.0
-8.0
—
5V
-8.0
-1�.0
—
RPH
Pull-high Resistan�e fo� I/O Po�ts(Note)
3V
—
�0
�0
100
kΩ
5V
—
10
30
50
ILEAK
Input leakage �u��ent
5V VIN=VDD o� VIN=VSS
—
—
±1
μA
tTPI
TM Captu�e Input Mini�u� Pulse Width
—
—
0.3
—
—
μs
tTCK
TM Clo�k Input Mini�u� Pulse Width
—
—
0.3
—
—
μs
tINT
Inte��upt Input Pin Mini�u� Pulse Width
—
—
10
—
—
μs
tRES
Exte�nal Reset Pin Mini�u� Pulse Width —
—
10
—
—
μs
tSRESET
Mini�u� Softwa�e Reset Pulse Width to
Reset
—
—
45
90
1�0
μs
Note:TheRPHinternalpullhighresistancevalueiscalculatedbyconnectingtogroundandenablingtheinputpin
withapull-highresistorandthenmeasuringtheinputsinkcurrentatthespecifiedsupplyvoltagelevel.
DividingthevoltagebythismeasuredcurrentprovidestheRPHvalue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com