Electronic Components Datasheet Search
  English  ▼

X  

HT67F2350 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT67F2350
Description  Advanced A/D Flash MCU with LCD & EEPROM
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F2350 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT67F2350 Datasheet HTML 40Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 41Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 42Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 43Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 44Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 45Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 46Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 47Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 292 page
background image
Rev. 1.00
44
De�e��e� 0�� �01�
Rev. 1.00
45
De�e��e� 0�� �01�
HT67F2350/HT67F2360
HT67F2370/HT67F2390
Advanced A/D Flash MCU with LCD & EEPROM
HT67F2350/HT67F2360
HT67F2370/HT67F2390
Advanced A/D Flash MCU with LCD & EEPROM
Operating Frequency Characteristic Curves
System Operating Frequency
Operating Voltage
8MHz
12MHz
16MHz
2.2V
2.7V
3.3V
5.5V
System Start Up Time Characteristics
Ta= -40°C ~ 85°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
tSST
Syste� Sta�t-up Ti�e
Wake-up f�o� Condition whe�e fSYS is off
—
fSYS=fH ~ fH/�4� fH=fHXT
—
1�8
—
tHXT
fSYS=fH ~ fH/�4� fH=fHIRC
—
1�
—
tHIRC
fSYS=fSUB=fLXT
— 10�4 —
tLXT
fSYS=fSUB=fLIRC
—
�
—
tLIRC
Syste� Sta�t-up Ti�e
Wake-up f�o� Condition whe�e fSYS is on
—
fSYS=fH ~ fH/�4� fH=fHXT o� fHIRC
—
�
—
tH
fSYS=fSUB=fLXT o� fLIRC
—
�
—
tSUB
Syste� Speed Swit�h Ti�e
FAST to Slow Mode o� SLOW to FAST
Mode
—
fHXT switches from off → on
— 10�4 —
tHXT
fHIRC switches from off → on
—
1�
—
tHIRC
fLXT switches from off → on
— 10�4 —
tLXT
tRSTD
Syste� Reset Delay Ti�e
Reset Sou��e f�o� Powe�-on Reset o�
LVR Ha�dwa�e Reset
— RRPOR=5V/�s
4�
48
54
�s
Syste� Reset Delay Ti�e
LVRC/WDTC/RSTC Softwa�e Reset
—
—
Syste� Reset Delay Ti�e
Reset Source from WDT Overflow
o� Reset pin �eset
—
—
14
1�
18
Notes:1.FortheSystemStart-uptimevalues,whetherfSYSisonoroffdependsuponthemodetypeandthe
chosenfSYSsystemoscillator.DetailsareprovidedintheSystemOperatingModessection.
2.Thetimeunits,shownbythesymbolstHXT,tHIRCetc.aretheinverseofthecorrespondingfrequency
valuesasprovidedinthefrequencytables.ForexampletHIRC=1/fHIRC,tSYS=1/fSYSetc.
3.IftheLIRCisusedasthesystemclockandifitisoffwhenintheSLEEPMode,thenanadditional
LIRCstartuptime,tSTART,asprovidedintheLIRCfrequencytable,mustbeaddedtothetSSTtimeinthe
tableabove.
4.TheSystemSpeedSwitchTimeiseffectivelythetimetakenforthenewlyactivatedoscillatortostartup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com