Electronic Components Datasheet Search
  English  ▼

X  

HT67F2350 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT67F2350
Description  Advanced A/D Flash MCU with LCD & EEPROM
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F2350 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT67F2350 Datasheet HTML 45Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 46Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 47Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 48Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 49Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 50Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F2350 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 292 page
background image
Rev. 1.00
48
December 06, 2016
Rev. 1.00
49
December 06, 2016
HT67F2350/HT67F2360
HT67F2370/HT67F2390
Advanced A/D Flash MCU with LCD & EEPROM
HT67F2350/HT67F2360
HT67F2370/HT67F2390
Advanced A/D Flash MCU with LCD & EEPROM
LCD Driver Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VIN
LCD Operating Voltage
—
Power supply from PLCD,
PLCD[3:0]=1xxxB (for R type)
3.0
—
5.5
V
—
Power supply from PLCD pin
(for C type)
2.0
—
3.7
—
Power supply from V1 pin (for C type)
3.0
—
5.5
—
Power supply from V2 pin (for C type)
1.0
—
1.8
—
Power supply from VA (for C type)
3.0
—
5.5
—
Power supply from VB (for C type)
2.0
—
3.7
—
Power supply from VC (for C type)
2.2
—
5.5
ILCD
Additional Current for LCD
Enabled – C type
3V
No load, VA=V1=VDD, 1/3 bias
—
—
1
μA
5V
—
—
2
Additional Current for LCD
Enabled – R type
3V
No load, RT=1170kΩ,
VA=PLCD=VDD, 1/3 bias & 1/4 bias
—
10
15
5V
—
13.5
20
3V
No load, RT=225kΩ,
VA=PLCD=VDD, 1/3 bias & 1/4 bias
—
16
28
5V
—
21
40
3V
No load, RT=60kΩ,
VA=PLCD=VDD, 1/3 bias & 1/4 bias
—
50
75
5V
—
80
120
ILCDOL
LCD Common and Segment
Sink Current
3V
No load, VOL=0.1VDD
210 420
—
μA
5V
350 700
—
ILCDOH
LCD Common and Segment
Source Current
3V
No load, VOH=0.9VDD
-80 -160
—
μA
5V
-180 -360
—
I2C Characteristics
Ta=25°C
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
VDD
Condition
fI2C
System Frequency for I2C
Standard Mode (100kHz)
—
No clock debounce
2
—
—
MHz
—
2 system clocks debounce
4
—
—
—
4 system clocks debounce
8
—
—
System Frequency for I2C Fast
Mode (400kHz)
—
No clock debounce
5
—
—
MHz
—
2 system clocks debounce
10
—
—
—
4 system clocks debounce
20
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com