Electronic Components Datasheet Search
  English  ▼

X  

HT67F4892 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT67F4892
Description  Enhanced A/D Flash MCU with LCD & EEPROM
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F4892 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT67F4892 Datasheet HTML 61Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 62Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 63Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 64Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 65Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 66Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 67Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 68Page - Holtek Semiconductor Inc HT67F4892 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 188 page
background image
Rev. 1.00
��
�ove��e� ��� �01�
Rev. 1.00
�5
�ove��e� ��� �01�
HT67F4892
Enhanced A/D Flash MCU with LCD & EEPROM
HT67F4892
Enhanced A/D Flash MCU with LCD & EEPROM
TM2
(CTM)
PB�/TP�
T�CP
PB� Output Function
0
1
Output
PE5/TCK�
TCK Input
0
1
PB�
TM2 Function Pin Control Block Diagram
TM3
(CTM)
PB1/TP3
T3CP
PB1 Output Function
0
1
Output
PB0/TCK3
TCK Input
0
1
PB1
TM3 Function Pin Control Block Diagram
TMPC Register
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
—
T3CP
T�CP
T1CP
T0CP1
T0CP0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
0
0
0
0
Bit7~5
Unimplemented,readas"0"
Bit4
T3CP:TP3pincontrol
0:Disable
1:Enable
Bit3
T2CP:TP2pincontrol
0:Disable
1:Enable
Bit2
T1CP:TP1pincontrol
0:Disable
1:Enable
Bit1
T0CP1:TP0_1pincontrol
0:Disable
1:Enable
Bit0
T0CP0:TP0_0pincontrol
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com