Electronic Components Datasheet Search
  English  ▼

X  

R5F10RFAA Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R5F10RFAA
Description  Ultra-Low Power Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RFAA Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R5F10RFAA Datasheet HTML 89Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 90Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 91Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 92Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 93Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 94Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 95Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 96Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 136 page
background image
RL78/L12
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105°C)
R01DS0157EJ0210 Rev.2.10
Sep 30, 2016
Page 93 of 131
3.4 AC Characteristics
3.4.1 Basic operation
(TA =
−40 to +105°C, 2.4 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Instruction cycle (minimum
instruction execution time)
TCY
Main
system
clock (fMAIN)
operation
HS (high-speed
main) mode
2.7 V
≤ VDD ≤ 5.5 V 0.04167
1
μs
2.4 V
≤ VDD < 2.7 V 0.0625
1
μs
Subsystem clock (fSUB)
operation
2.4 V
≤ VDD ≤ 5.5 V
28.5
30.5
31.3
μs
In the self
programming
mode
HS (high-speed
main) mode
2.7 V
≤ VDD ≤ 5.5 V 0.04167
1
μs
2.4 V
≤ VDD < 2.7 V 0.0625
1
μs
External system clock frequency
fEX
2.7 V
≤ VDD ≤ 5.5 V
1.0
20.0
MHz
2.4 V
≤ VDD < 2.7 V
1.0
16.0
MHz
fEXS
32
35
kHz
External system clock input high-
level width, low-level width
tEXH, tEXL 2.7 V
≤ VDD ≤ 5.5 V
24
ns
2.4 V
≤ VDD < 2.7 V
30
ns
tEXHS,
tEXLS
13.7
μs
TI00 to TI07 input high-level width,
low-level width
tTIH,
tTIL
1/fMCK+10
ns
TO00 to TO07 output frequency
fTO
HS (high-speed
main) mode
4.0 V
≤ EVDD ≤ 5.5 V
16
MHz
2.7 V
≤ EVDD < 4.0 V
8
MHz
2.4 V
≤ EVDD < 2.7 V
4
MHz
PCLBUZ0, PCLBUZ1 output
frequency
fPCL
HS (high-speed
main) mode
4.0 V
≤ EVDD ≤ 5.5 V
16
MHz
2.7 V
≤ EVDD < 4.0 V
8
MHz
2.4 V
≤ EVDD < 2.7 V
4
MHz
Interrupt input high-level width,
low-level width
tINTH,
tINTL
INTP0
2.4 V
≤ VDD ≤ 5.5 V
1
μs
INTP1 to INTP7
2.4 V
≤ EVDD ≤ 5.5 V
1
μs
Key interrupt input low-level width tKR
KR0 to KR3
2.4 V
≤ EVDD ≤ 5.5 V
250
ns
RESET low-level width
tRSL
10
μs
Remark fMCK: Timer array unit operation clock frequency
(Operation clock to be set by the CKS0n bit of timer mode register 0n (TMR0n).
n: Channel number (n = 0 to 7))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com