Electronic Components Datasheet Search
  English  ▼

X  

R5F10RFAA Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R5F10RFAA
Description  Ultra-Low Power Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RFAA Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R5F10RFAA Datasheet HTML 24Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 25Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 26Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 27Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 28Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 29Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 30Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 31Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 136 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (A, G: TA = -40 to +85
°C)
R01DS0157EJ0210 Rev.2.10
Sep 30, 2016
Page 28 of 131
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(5/5)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input leakage
current, high
ILIH1
P10 to P17, P30 to P32,
P40 to P43, P50 to P54, P60,
P61, P70 to P74, P120,
P125 to P127, P140 to P147
VI = EVDD
1
μA
ILIH2
P20, P21, P137, RESET
VI = VDD
1
μA
ILIH3
P121 to P124
(X1, X2, XT1, XT2, EXCLK,
EXCLKS)
VI = VDD
In input port or
external clock
input
1
μA
In resonator
connection
10
μA
Input leakage
current, low
ILIL1
P10 to P17, P30 to P32,
P40 to P43, P50 to P54, P60,
P61, P70 to P74, P120,
P125 to P127, P140 to P147
VI = EVSS
−1
μA
ILIL2
P20, P21, P137, RESET
VI = VSS
−1
μA
ILIL3
P121 to P124
(X1, X2, XT1, XT2, EXCLK,
EXCLKS)
VI = VSS
In input port or
external clock
input
−1
μA
In resonator
connection
−10
μA
On-chip pll-up
resistance
RU1
VI = EVSS
SEGxx port
2.4 V
≤ EVDD = VDD ≤ 5.5 V
10
20
100
k
Ω
1.6 V
≤ EVDD = VDD < 2.4 V
10
30
100
k
Ω
RU2
Ports other than above
(Except for P60, P61, and
P130)
10
20
100
k
Ω
Remark Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com