Electronic Components Datasheet Search
  English  ▼

X  

R5F10RFAA Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R5F10RFAA
Description  Ultra-Low Power Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RFAA Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R5F10RFAA Datasheet HTML 25Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 26Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 27Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 28Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 29Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 30Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 31Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 32Page - Renesas Technology Corp R5F10RFAA Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 136 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (A, G: TA = -40 to +85
°C)
R01DS0157EJ0210 Rev.2.10
Sep 30, 2016
Page 29 of 131
2.3.2 Supply current characteristics
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(1/3)
Parameter Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current
Note 1
IDD1
Operating
mode
HS (high-
speed main)
mode
Note5
fIH = 24 MHz
Note 3
Basic
operation
VDD = 5.0 V
1.5
mA
VDD = 3.0 V
1.5
mA
Normal
operation
VDD = 5.0 V
3.3
5.0
mA
VDD = 3.0 V
3.3
5.0
mA
fIH = 16 MHz
Note 3
Normal
operation
VDD = 5.0 V
2.5
3.7
mA
VDD = 3.0 V
2.5
3.7
mA
LS (low-speed
main) mode
Note
5
fIH = 8 MHz
Note 3
Normal
operation
VDD = 3.0 V
1.2
1.8
mA
VDD = 2.0 V
1.2
1.8
mA
LV (low-
voltage main)
mode
Note5
fIH = 4 MHz
Note 3
Normal
operation
VDD = 3.0 V
1.2
1.7
mA
VDD = 2.0 V
1.2
1.7
mA
HS (high-
speed main)
mode
Note5
fMX = 20 MHz
Note 2,
VDD = 5.0 V
Normal
operation
Square wave input
2.8
4.4
mA
Resonator connection
3.0
4.6
mA
fMX = 20 MHz
Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
2.8
4.4
mA
Resonator connection
3.0
4.6
mA
fMX = 10 MHz
Note 2,
VDD = 5.0 V
Normal
operation
Square wave input
1.8
2.6
mA
Resonator connection
1.8
2.6
mA
fMX = 10 MHz
Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
1.8
2.6
mA
Resonator connection
1.8
2.6
mA
LS (low-speed
main) mode
Note
5
fMX = 8 MHz
Note 2,
VDD = 3.0 V
Normal
operation
Square wave input
1.1
1.7
mA
Resonator connection
1.1
1.7
mA
fMX = 8 MHz
Note 2,
VDD = 2.0 V
Normal
operation
Square wave input
1.1
1.7
mA
Resonator connection
1.1
1.7
mA
Subsystem
clock
operation
fSUB = 32.768 kHz
Note
4
TA =
−40°C
Normal
operation
Square wave input
3.5
4.9
μA
Resonator connection
3.6
5.0
μA
fSUB = 32.768 kHz
Note
4
TA = +25
°C
Normal
operation
Square wave input
3.6
4.9
μA
Resonator connection
3.7
5.0
μA
fSUB = 32.768 kHz
Note
4
TA = +50
°C
Normal
operation
Square wave input
3.7
5.5
μA
Resonator connection
3.8
5.6
μA
fSUB = 32.768 kHz
Note
4
TA = +70
°C
Normal
operation
Square wave input
3.8
6.3
μA
Resonator connection
3.9
6.4
μA
fSUB = 32.768 kHz
Note
4
TA = +85
°C
Normal
operation
Square wave input
4.1
7.7
μA
Resonator connection
4.2
7.8
μA
(Notes and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com