Electronic Components Datasheet Search
  English  ▼

X  

HT7463A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7463A
Description  52V/600mA, 1.25MHz/550kHz Asynchronous Step Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7463A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7463A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Rev. 1.11
5
August 12, 2016
HT7463A/HT7463B
Typical Performance Characteristics
VIN=18V, VOUT=12.5V, L=15/22µH for HT7463A and L=33/47µH for HT7463B, TA=25°C, unless otherwise noted
Efficiency vs. Load (HT7463A, VOUT=12.5V)
Efficiency vs. Load (HT7463B, VOUT=12.5V)
Efficiency vs. Load (HT7463A, VOUT=5.7V)
Efficiency vs. Load (HT7463B, VOUT=5.7V)
Efficiency vs. Load (HT7463A, VOUT=3.3V)
Efficiency vs. Load (HT7463B, VOUT=3.3V)
12.340
12.390
12.440
12.490
12.540
12.590
12.640
1
5
10
50
80 125 200 300 400 500 600
Output Current (mA)
15uH
22uH
Load Regulation (HT7463A, VOUT=12.5V)
12.340
12.390
12.440
12.490
12.540
12.590
12.640
1
5
10
50
80 125 200 300 400 500 600
Output Current (mA)
33uH
47uH
Load Regulation (HT7463B, VOUT=12.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com