Electronic Components Datasheet Search
  English  ▼

X  

HT7463A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7463A
Description  52V/600mA, 1.25MHz/550kHz Asynchronous Step Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7463A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7463A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev. 1.11
1
August 12, 2016
Rev. 1.00
PB
August 12, 2016
HT7463A/HT7463B
52V/600mA, 1.25MHz/550kHz
Asynchronous Step Down Converter
Features
• WideInputVoltageRange4.5Vto52V
• 52V/0.9ΩInternalPowerMOSFET
• 600mAPeakOutputCurrent
• Upto90%Efficiency
• 1.25MHz(HT7463A)and550kHz(HT7463B)
FixedOperatingFrequency
• UltraLowShutdownCurrent<1µA
• OutputShortCircuitProtection
• ThermalShutdownProtection
• PackageType:SOT23-6
Applications
• PowerMeters
• DistributionPowerSystems
• BatteryChargers
• Pre-RegulatorforLinearRegulators
General Description
TheHT7463A/Bisacurrentmodebuckconverter.
With a wide input range from 4.5V to 52V,
the HT7463A/B is suitable for a wide range of
applications such as power conditioning from
unregulatedsources.Havingalowinternalswitch
typicalRDSONvalueof0.9Ω,thedevicehasagood
operatingtypicalefficiencyvalueof85%andthe
addedadvantageofreducedjunctiontemperature.
Theoperatingfrequencyisfixedat1250/550kHzfor
theHT7463A/HT7463Brespectively.TheHT7463A
allowstheuseofsmallexternalcomponentswhile
stillbeingabletohavelowoutputvoltageripple.
Asoft-startfunctioncanbeimplementedusingthe
enablepinandbyconnectinganexternalRCcircuit
allowingtheusertotailorthesoft-starttimetoa
specificapplication.
Application Circuit
CB
GND
FB
SW
VIN
EN
CB
0.1µF
VOUT=12V *1
L1
22µH/47µH *3
D1
C3
0.1µF
C4
22µF *2
R2
6kΩ / ±1%
R1
84kΩ / ±1%
C1
0.1µF
C2
100µF
On/Off
Control
VIN
1
2
3
4
5
6
HT7463A/B
Note:*1.C4=330μFisrecommendedtoachieve1‰outputripplerequirement
*2.SetR1=84kΩandR2=16kΩforVOUT=5Vapplication
*3.It’srecommendedthatL1=22μHforHT7463AandL1=47μHforHT7463B


Similar Part No. - HT7463A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
2A Step-Down DC to DC Converter
September 02, 2011
HT7465 HOLTEK-HT7465_14 Datasheet
1Mb / 9P
Step-Down DC to DC Converter
April 18, 2014
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 02, 2011
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
3A Step-Down DC to DC Converter
September 11, 2014
More results

Similar Description - HT7463A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8009 RICHTEK-RT8009 Datasheet
272Kb / 13P
1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
600mA Step-Down Converter
logo
Seaward Electronics Inc...
SE3806 SEAWARD-SE3806 Datasheet
97Kb / 2P
1.25MHz, 600mA Synchronous Step-Down Regulator
logo
Silan Microelectronics ...
SC46208 SILAN-SC46208 Datasheet
547Kb / 10P
1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
600mA Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7358F ACE-ACE7358F Datasheet
190Kb / 3P
High Efficiency, 1.2MHz, 52V Input, 0.8A Asynchronous Step Down Regulator
VER 1.2
logo
AiT Semiconductor Inc.
A7406A AITSEMI-A7406A Datasheet
422Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 40V, 600mA ASYNCHRONOUS
REV1.0
A7406B AITSEMI-A7406B Datasheet
914Kb / 12P
DC-DC CONVERTER BUCK (STEP-DOWN) 45V, 1.6MHz, 600mA ASYNCHRONOUS
REV1.1
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
600mA Step-Down Converter
April 2019 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com