Electronic Components Datasheet Search
  English  ▼

X  

HT7463A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7463A
Description  52V/600mA, 1.25MHz/550kHz Asynchronous Step Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7463A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7463A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7463A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Rev. 1.11
4
August 12, 2016
HT7463A/HT7463B
Electrical Characteristics
VIN=12V and Tj=+25°C, unless otherwise specified
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Supply Voltage
VIN
Input Voltage
VIN
4.5
—
52
V
ICC
Quiescent Current
VEN=2.5V, VFB=1V
—
0.7
1
mA
IOFF
Shutdown Current
VEN=0V
—
0.1
1
μA
Buck Converter
VOUT
Output Voltage*
—
1.0
—
0.9×VIN
V
fSW
Switching Frequency
HT7463A, VFB=0.6V
1000
1250
1500
kHz
HT7463B, VFB=0.6V
440
550
660
kHz
FFB
Fold-back Frequency
HT7463A, VFB=0V
90
105
—
kHz
HT7463B, VFB=0V
90
105
—
kHz
DMAX
Maximum Duty Cycle
HT7463A
—
90
—
%
HT7463B
—
95
—
%
TON(min)
Minimum ON-Time
—
—
100
—
ns
RDS(on)
Switch-ON Resistance
VEN=2.5V
—
0.9
—
Ω
ISW(off)
SW Leakage Current
VEN=0V, VSW=0V, VIN=52V
—
0.1
1
μA
VFB
Feedback Voltage
4.5V ≤ VIN ≤ 52V
0.778 0.794
0.81
V
IFB(leak)
Feedback Leakage Current
VFB=3V
—
—
0.1
μA
IEN
EN Input Current
VEN=0V
—
0.1
—
μA
VEN=52V
—
16
—
μA
VLH
EN High Voltage Threshold
4.5V ≤ VIN ≤ 52V
—
—
2.3
V
VHL
EN Low Voltage Threshold
4.5V ≤ VIN ≤ 52V
0.9
—
—
V
Protections
VUVLO+
Input Supply Turn ON Level
UVLO+
—
—
4.2
V
VUVLO−
Input Supply Turn OFF Level
UVLO−
3.4
—
—
V
IOCP
Over Current Protection Threshold
—
—
1
—
A
TSHD
Thermal Shutdown Threshold
OTP
—
150
—
°C
TREC
Thermal Recovery Temperature
—
—
125
—
°C
Note:1.MINOutputVoltageisrestrictedbyMinimumON-Time,100ns.
2.MAXOutputVoltageisrestrictedbyMaximumDutyCycleandSwitch-ONResistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com