Electronic Components Datasheet Search
  English  ▼

X  

HT7722S Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT7722S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7722S Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT7722S Datasheet HTML 13Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 14Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 15Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 16Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 17Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 18Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 19Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 20Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Rev. 1.50
17
June 25, 2016
HT77xxS
Typical Performance Characteristics
(L use multi-layered chip power inductor)
2
2.8
3.6
4.4
5.2
6
0
50
100
150
200
250
300
Output Current (mA)
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=1.2V
Fig 55. HT7750S Output Voltage vs. Output Current
0%
20%
40%
60%
80%
100%
0
50
100
150
200
250
300
Output Current (mA)
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=1.2V
Fig 56. HT7750S Efficiency vs. Output Current
2.5
2.8
3.1
3.4
3.7
4
0
50
100
150
200
Output Current (mA)
VIN=2.0V
VIN=1.8V
VIN=1.5V
VIN=1.2V
Fig 57. HT7737S Output Voltage vs. Output Current
0%
20%
40%
60%
80%
100%
0
50
100
150
200
Output Current (mA)
VIN=2.0V
VIN=1.8V
VIN=1.5V
VIN=1.2V
Fig 58. HT7737S Efficiency vs. Output Current
2.7
2.9
3.1
3.3
3.5
0
50
100
150
200
Output Current (mA)
VIN=2.0V
VIN=1.8V
VIN=1.5V
VIN=1.2V
Fig 59. HT7733S Output Voltage vs. Output Current
0%
20%
40%
60%
80%
100%
0
50
100
150
200
Output Current (mA)
VIN=2.0V
VIN=1.8V
VIN=1.5V
VIN=1.2V
Fig 60. HT7733S Efficiency vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com