Electronic Components Datasheet Search
  English  ▼

X  

HT7722S Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT7722S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7722S Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT7722S Datasheet HTML 17Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 18Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 19Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 20Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 21Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 22Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 23Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 24Page - Holtek Semiconductor Inc HT7722S Datasheet HTML 25Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Rev. 1.50
24
June 25, 2016
HT77xxS
3-pin TO92 Outline Dimensions
)
*
+
-
.
/
0
,
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.173
0.180
0.205
B
0.170
—
0.210
C
0.500
0.580
—
D
—
0.015 BSC
—
E
—
0.010 BSC
—
F
—
0.050 BSC
—
G
—
0.035 BSC
—
H
0.125
0.142
0.165
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
4.39
4.57
5.21
B
4.32
—
5.33
C
12.70
14.73
—
D
—
0.38 BSC
—
E
—
2.54 BSC
—
F
—
1.27 BSC
—
G
—
0.89 BSC
—
H
3.18
3.61
4.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com