Electronic Components Datasheet Search
  English  ▼

X  

HT48R003 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT48R003
Description  Cost-Effective I/O 8-Bit OTP MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R003 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT48R003 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
Rev. 1.11
22
April 11, 2017
Rev. 1.11
23
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
Oscillator
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimizationcanbeachievedintermsofspeedandpowersaving.
System Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerfunctionandTimer/Eventcounter.
Type
Name
Freq.
Internal High Speed RC
HIRC
8MHz
Internal Low Speed RC
LIRC
12kHz
Oscillator Types
System Clock Configurations
Thereisonesystemoscillatorimplementedinthesedevices,internal8MHzRC,HIRC.Alsothere
isaninternal12kHzRCoscillatorLIRCusedastheclocksourcefortheWDTfunctionandTimer/
Eventcounter.Moredetailsaredescribedintheaccompanysections.
Internal RC Oscillator – HIRC
TheinternalRCoscillatorisafullyintegratedsystemoscillatorrequiringnoexternalcomponents.
TheinternalRCoscillatorhasthefrequencyof8MHz.Devicetrimmingduringthemanufacturing
processandtheinclusionofinternalfrequencycompensationcircuitisusedtoensurethatthe
influenceofthepowersupplyvoltage,temperatureandprocessvariationsontheoscillation
frequencyareminimized.Notethatthisinternalsystemclockoptionrequiresnoexternalpinsforits
operation.RefertotheA.C.Characteristicsformorefrequencyaccuracydetails.
Internal 12kHz Oscillator – LIRC
TheLIRCisafullyself-containedfreerunningon-chipRCoscillatorwithatypicalfrequencyof
12kHzat5V,requiringnoexternalcomponentsforitsimplementation.Whenthedeviceentersthe
SleepMode,thesystemclockwillstoprunningbuttheLIRCoscillatorcontinuestofree-runand
tokeepthewatchdogactive.However,topreservepowerincertainapplicationstheLIRCcanbe
disabledbydisablingtheWDTfunctionandTimer/Eventcounterinthehaltmode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com