Electronic Components Datasheet Search
  English  ▼

X  

HT48R003 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT48R003
Description  Cost-Effective I/O 8-Bit OTP MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R003 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT48R003 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 26Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 27Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 28Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
Rev. 1.11
26
April 11, 2017
Rev. 1.11
27
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
Reset and Initialization
Aresetfunctionisafundamentalpartofanymicrocontrollerensuringthatthedevicecanbeset
tosomepredeterminedconditionirrespectiveofoutsideparameters.Themostimportantreset
conditionisafterpowerisfirstappliedtothemicrocontroller.Inthiscase,internalcircuitrywill
ensurethatthemicrocontroller,afterashortdelay,willbeinawelldefinedstateandreadyto
executethefirstprograminstruction.Afterthispower-onreset,certainimportantinternalregisters
willbesettodefinedstatesbeforetheprogramcommences.OneoftheseregistersistheProgram
Counter,whichwillberesettozeroforcingthemicrocontrollertobeginprogramexecutionfromthe
lowestProgramMemoryaddress.
Inadditiontothepower-onreset,situationsmayarisewhereitisnecessarytoforcefullyapplya
resetconditionwhenthemicrocontrollerisrunning.Oneexampleofthisiswhereafterpowerhas
beenappliedandthemicrocontrollerisalreadyrunning,theRESlineisforcefullypulledlow.Insuch
acase,knownasanormaloperationreset,someofthemicrocontrollerregistersremainunchanged
allowingthemicrocontrollertodealwithnormaloperationaftertheresetlineisallowedtoreturn
high.AnothertypeofresetiswhentheWatchdogTimeroverflowsandresetsthemicrocontroller.
Alltypesofresetoperationsresultindifferentregisterconditionsbeingset.
AnotherresetexistsintheformofaLowVoltageReset,LVR,whereafullreset,similartotheRES
resetisimplementedinsituationswherethepowersupplyvoltagefallsbelowacertainthreshold.
Reset Functions
Therearefivewaysinwhichamicrocontrollerresetcanoccur,througheventsoccurringboth
internallyandexternally:
Power-on Reset
Themostfundamentalandunavoidableresetistheonethatoccursafterpowerisfirstappliedto
themicrocontroller.AswellasensuringthattheProgramMemorybeginsexecutionfromthefirst
memoryaddress,apower-onresetalsoensuresthatcertainotherregistersarepresettoknown
conditions.AlltheI/Oportandportcontrolregisterswillpowerupinahighconditionensuringthat
allpinswillbefirstsettoinputs.
AlthoughthemicrocontrollerhasaninternalRCresetfunction,iftheVDDpowersupplyrisetime
isnotfastenoughordoesnotstabilizequicklyatpower-on,theinternalresetfunctionmaybe
incapableofprovidingproperresetoperation.Forthisreasonitisrecommendedthatanexternal
RCnetworkisconnectedtotheRESpin,whoseadditionaltimedelaywillensurethattheRESpin
remainslowforanextendedperiodtoallowthepowersupplytostabilize.Duringthistimedelay,
normaloperationofthemicrocontrollerwillbeinhibited.AftertheRESlinereachesacertain
voltagevalue,theresetdelaytimetRSTDisinvokedtoprovideanextradelaytimeafterwhichthe
microcontrollerwillbeginnormaloperation.TheabbreviationSSTinthefiguresstandsforSystem
Start-upTimer.
FormostapplicationsaresistorconnectedbetweenVDDandtheRESpinandacapacitorconnected
betweenVSSandtheRESpinwillprovideasuitableexternalresetcircuit.Anywiringconnectedto
theRESpinshouldbekeptasshortaspossibletominimizeanystraynoiseinterference.
RE S
VD D
In te r nal R es et
0. 9 V DD
t RS TD + t SST
t RS TD + t SST
Note:tRSTDispower-ondelay,typicaltime=50ms
Power-On Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com