Electronic Components Datasheet Search
  English  ▼

X  

HT48R003 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT48R003
Description  Cost-Effective I/O 8-Bit OTP MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R003 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT48R003 Datasheet HTML 27Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 28Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 30Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 31Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 32Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 33Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 34Page - Holtek Semiconductor Inc HT48R003 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
Rev. 1.11
30
April 11, 2017
Rev. 1.11
31
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002
Register
Power-on Reset
RES Reset
(Normal operation) RES Reset (HALT)
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)*
PCL
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
MP0
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
1uuu uuuu
MP1
1xxx xxxx
1uuu uuuu
1uuu uuuu
1uuu uuuu
1uuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
--uu uuuu
WDTS
---- -1 1 1
---- -1 1 1
---- -1 1 1
---- -1 1 1
---- -uuu
STATUS
--00 xxxx
--uu uuuu
--01 uuuu
--1u uuuu
--1 1 uuuu
INTC0
- - 00 - 000
- - 00 - 000
- - 00 - 000
- - 00 - 000
- - uu -uuu
TMR0
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR0C
00-0 1000
00-0 1000
00-0 1000
00-0 1000
uu-u uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAWU
--0- -000
--0- -000
--0- -000
--0- -000
--u- -uuu
PAPU
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
CTRL1
10- - - - - -
10- - - - - -
10- - - - - -
10- - - - - -
uu- - - - - -
WDTC
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
EXTRESB
---0 0000
---0 0000
---0 0000
---0 0000
---u uuuu
Note:“*”means“warmreset”
“-”notimplement
“u”means“unchanged”
“x”means“unknown”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com