| Electronic Components Datasheet Search |
|
M054ZDN Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
M054ZDN Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 86 page ![]() M051 DN/DE Oct. 05, 2015 Page 3 of 86 Rev 1.03 Watchdog Timer (WDT) ·············································································································46 6.9 6.9.1 Overview ·······································································································································46 6.9.2 Features ········································································································································46 Window Watchdog Timer (WWDT) ··························································································47 6.10 6.10.1 Overview ·····································································································································47 6.10.2 Features ······································································································································47 UART Controller (UART) ···········································································································48 6.11 6.11.1 Overview ·····································································································································48 6.11.2 Features ······································································································································48 I 2C Serial Interface Controller (I2C) ··························································································49 6.12 6.12.1 Overview ·····································································································································49 6.12.2 Features ······································································································································49 Serial Peripheral Interface (SPI) ·······························································································50 6.13 6.13.1 Overview ·····································································································································50 6.13.2 Features ······································································································································50 Analog-to-Digital Converter (ADC) ···························································································51 6.14 6.14.1 Overview ·····································································································································51 6.14.2 Features ······································································································································51 Analog Comparator (ACMP) ·····································································································52 6.15 6.15.1 Overview ·····································································································································52 6.15.2 Features ······································································································································52 Hardware Divider (HDIV) (M05xxDN/DE Only) ······································································53 6.16 6.16.1 Overview ·····································································································································53 6.16.2 Features ······································································································································53 7 APPLICATION CIRCUIT ·····················································································································54 8 M05XXDN ELECTRICAL CHARACTERISTICS ···············································································55 Absolute Maximum Ratings ·······································································································55 8.1 DC Electrical Characteristics ·····································································································56 8.2 AC Electrical Characteristics ·····································································································60 8.3 8.3.1 External Input Clock ····················································································································60 8.3.2 External 4~24 MHz High Speed Crystal (HXT) ······································································60 8.3.3 Typical Crystal Application Circuits ··························································································61 8.3.4 22.1184 MHz Internal High Speed RC Oscillator (HIRC) ·····················································61 8.3.5 10 kHz Internal Low Speed RC Oscillator (LIRC) ··································································61 Analog Characteristics ···············································································································62 8.4 8.4.1 12-bit SAR ADC ···························································································································62 8.4.2 LDO & Power Management ·······································································································64 8.4.3 Low Voltage Reset ······················································································································64 8.4.4 Brown-out Detector ·····················································································································64 8.4.5 Power-on Reset ···························································································································65 8.4.6 Temperature Sensor ···················································································································66 8.4.7 Comparator ··································································································································66 Flash DC Electrical Characteristics ··························································································67 8.5 SPI Dynamic Characteristics ·····································································································67 8.6 8.6.1 Dynamic Characteristics of Data Input and Output Pin ·························································67 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |