Electronic Components Datasheet Search
  English  ▼

X  

M054ZDN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M054ZDN
Description  32-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M054ZDN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M054ZDN Datasheet HTML 1Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 2Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 3Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 4Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 5Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 6Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 7Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 8Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
M051 DN/DE
Oct. 05, 2015
Page 4 of 86
Rev 1.03
9 M05XXDE ELECTRICAL CHARACTERISTICS
···············································································68
Absolute Maximum Ratings
·······································································································68
9.1
DC Electrical Characteristics
·····································································································69
9.2
AC Electrical Characteristics
·····································································································73
9.3
9.3.1 External Input Clock
····················································································································73
9.3.2 External 4~24 MHz High Speed Crystal (HXT)
······································································73
9.3.3 Typical Crystal Application Circuits
··························································································73
9.3.4 22.1184 MHz Internal High Speed RC Oscillator (HIRC)
·····················································74
9.3.5 10 kHz Internal Low Speed RC Oscillator (LIRC)
··································································75
Analog Characteristics
···············································································································76
9.4
9.4.1 12-bit SAR ADC
···························································································································76
9.4.2 LDO & Power Management
·······································································································77
9.4.3 Low Voltage Reset
······················································································································77
9.4.4 Brown-out Detector
·····················································································································78
9.4.5 Power-on Reset
···························································································································78
9.4.6 Temperature Sensor
···················································································································80
9.4.7 Comparator
··································································································································80
Flash DC Electrical Characteristics
··························································································81
9.5
SPI Dynamic Characteristics
·····································································································82
9.6
9.6.1 Dynamic Characteristics of Data Input and Output Pin
·························································82
10
PACKAGE DIMENSIONS
···········································································································83
LQFP-48 (7x7x1.4mm
2 Footprint 2.0mm) ···············································································83
10.1
QFN-33 (5X5 mm
2, Thickness 0.8mm, Pitch 0.5 mm) ··························································84
10.2
11
REVISION HISTORY
···················································································································85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com