Electronic Components Datasheet Search
  English  ▼

X  

M054ZDN Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # M054ZDN
Description  32-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M054ZDN Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button M054ZDN Datasheet HTML 42Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 43Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 44Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 45Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 46Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 47Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 48Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 49Page - List of Unclassifed Manufacturers M054ZDN Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
M051 DN/DE
Oct. 05, 2015
Page 46 of 86
Rev 1.03
Watchdog Timer (WDT)
6.9
6.9.1
Overview
The purpose of Watchdog Timer is to perform a system reset when system runs into an unknown
state. This prevents system from hanging for an infinite period of time. Besides, this Watchdog
Timer supports the function to wake-up system from Idle/Power-down mode.
6.9.2
Features
18-bit free running up counter for Watchdog Timer time-out interval
Selectable time-out interval (2
4 ~ 218) WDT_CLK cycle and the time-out interval period is
104 ms ~ 26.3168 s if WDT_CLK = 10 kHz
System kept in reset state for a period of (1 / WDT_CLK) * 63
Supports selectable Watchdog Timer reset delay period 3/18/130/1026 * WDT_CLK
Supports to force Watchdog Timer enabled after chip powered on or reset while CWDTEN
(CONFIG[31] Watchdog Enable) bit is set to 0.
Supports Watchdog Timer time-out wake-up function only if WDT clock source is selected
as 10 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com