Electronic Components Datasheet Search
  English  ▼

X  

HT24LC128 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT24LC128
Description  CMOS 128K 2-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC128 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT24LC128 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC128 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC128 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC128 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC128 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC128 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC128 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC128 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC128 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 1.10
1
March 12, 2015
Rev. 1.00
PB
March 12, 2015
HT24LC128
CMOS 128K 2-Wire Serial EEPROM
Features
• Operatingvoltage:
2.2V~5.5Vfortemperature-40˚Cto+85˚C
• MemoryCapacity:128K(16K×8)
• 2-wireI2Cserialinterface
• Writecycletime:5msmax.
• Automaticerase-before-writeoperation
• Partialpagewriteallowed
• 64-bytePagewritemodes
• Writeoperationwithbuilt-intimer
• Hardwarecontrolledwriteprotection
• 40-yeardataretention
• 106erase/writecyclesperword
• 8-pinDIP/SOP/TSSOPpackage
Description
TheHT24LC128deviceisa128K-bit2-wireserial
read/writenon-volatilememorydevicemanufactured
usingaCMOSfloatinggateprocess.Its128Kbitsof
memoryareorganizedinto16Kwordsandeachword
is8bits.Thedeviceisoptimizedforuseinmany
industrialandcommercialapplicationswherelow
powerandlowvoltageoperationareessential.Upto
eightHT24LC128devicesmaybeconnectedtothe
sametwo-wirebus.TheHT24LC128isguaranteed
for1Merase/writecyclesand40-yeardataretention.
Block Diagram
I/ O
Co nt ro l
Logi c
Me mo ry
Co nt ro l
Logi c
SC L
SD A
A ddr es s
Co un te r
A0 ~A 2
VS S
X
D
E
C
EEPR OM
Ar ra y
Pa ge Bu ff er
YD EC
Se ns e AM P
R/ W C ont ro l
HV P um p
WP
VC C
Pin Assignment
1
2
3
4
8
7
6
5
H T2 4L C 128
8 D IP -A /S OP -A /T SSO P- A
A0
A1
A2
VS S
VC C
WP
SC L
SD A
Pin Description
Pin Name
Type
Description
A0~A2
I
Address inputs
SDA
I/O
Serial data
SCL
I
Serial clock input
WP
I
Write protect
VSS
PWR
Negative power supply, ground
VCC
PWR
Positive power supply


Similar Part No. - HT24LC128

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
CMOS 16K 2-Wire Serial EEPROM
November 25, 2003
HT24LC16 HOLTEK-HT24LC16_14 Datasheet
2Mb / 12P
CMOS 16K 2-Wire Serial EEPROM
January 16, 2014
More results

Similar Description - HT24LC128

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA128 MICROCHIP-24AA128 Datasheet
185Kb / 12P
128K I 2 C ??CMOS Serial EEPROM
1998
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
CMOS 2-WIRE SERIAL EEPROM
logo
Integrated Silicon Solu...
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Microchip Technology
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
128K I2C CMOS Serial EEPROM
2007
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Microchip Technology
24LC128 MICROCHIP-24LC128 Datasheet
952Kb / 38P
128K I2C??CMOS Serial EEPROM
2010
24LC128-I-PG MICROCHIP-24LC128-I-PG Datasheet
952Kb / 38P
128K I2C??CMOS Serial EEPROM
2010
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com