Electronic Components Datasheet Search
  English  ▼

X  

HT2201 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT2201
Description  CMOS 1K 2-Wire Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2201 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT2201_14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Rev. 1.40
5
January 16, 2014
HT2201
S end W ri te C om m and
S end St op C ondi ti on
to I ni ti at e Wr it e Cy cl e
S end St ar t
Se nd Co tr ol l By te
wi th R /W =0
(A CK =0 )?
Ne x t O per at io n
No
Ye s
Acknowledge Polling Flow
• Currentaddressread
Theinternaldatawordaddresscountermaintains
thelastaddressaccessedduringthelastreador
writeoperation,incrementedbyone.Thisaddress
staysvalidbetweenoperationsaslongasthechip
powerismaintained.Theaddressrolloverduring
readfromthelastbyteofthelastmemorypageto
thefirstbyteofthefirstpage.Theaddressrollover
duringwritefromthelastbyteofthecurrentpage
tothefirstbyteofthesamepage.Oncethedevice
addresswiththeread/writeselectbitsettooneis
clockedinandacknowledgedbytheEEPROM,
thecurrentaddressdatawordisseriallyclocked
out.ThemicrocontrollershouldrespondaNo
ACK(High)signalandfollowingstopcondition
(refertoCurrentreadtiming).
• Randomread
Arandom read requires a dummy byte write
sequencetoloadinthedatawordaddresswhich
is then clocked in and acknowledged by the
EEPROM.Themicrocontrollermustthengenerate
another start condition.The microcontroller
nowinitiatesacurrentaddressreadbysending
adeviceaddresswiththeread/writeselectbit
high.TheEEPROMacknowledgesthedevice
addressandseriallyclocksoutthedataword.The
microcontrollershouldrespondwitha"noACK"
signal(high)followedbyastopcondition.(refer
toRandomreadtiming).
• Sequentialread
Sequentialreadsareinitiatedbyeitheracurrent
addressreadorarandomaddressread.Afterthe
microcontrollerreceivesadataword,itresponds
withanacknowledgment.AslongastheEEPROM
receivesanacknowledgment,itwillcontinueto
incrementthedatawordaddressandseriallyclock
outsequentialdatawords.Whenthememory
addresslimitisreached,thedatawordaddresswill
rolloverandthesequentialreadcontinues.The
sequentialreadoperationisterminatedwhenthe
microcontrollerrespondswitha"noACK"signal
(high)followedbyastopcondition.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com