Electronic Components Datasheet Search
  English  ▼

X  

HT2201 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT2201
Description  CMOS 1K 2-Wire Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2201 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT2201_14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 1.40
1
January 16, 2014
Rev. 1.00
PB
January 16, 2014
HT2201
CMOS 1K 2-Wire Serial EEPROM
Features
• Operatingvoltage:
1.8V~5.5Vfortemperature-40°Cto+85°C
• Lowpowerconsumption
– Operation:5mAmax.
– Standby:2μAmax.
• Internalorganization:128×8
• 2-wireserialinterface
• Writecycletime:5msmax.
• Automaticerase-before-writeoperation
• Writeoperationwithbuilt-intimer
• 40-yeardataretention
• 106erase/writecyclesperword
• SOT23-5package
General Description
TheHT2201isa1K-bitserialread/writenon-volatile
memorydeviceusingtheCMOSfloatinggateprocess.
Its1024bitsofmemoryareorganizedinto128words
andeachwordis8bits.Thedeviceisoptimizedfor
useinmanyindustrialandcommercialapplications
wherelowpowerandlowvoltageoperationare
essential.TheHT2201isguaranteedfor1million
erase/writecyclesand40-yeardataretention.
Block Diagram
I/ O
Co nt ro l
Logi c
Me mo ry
Co nt ro l
Logi c
SC L
SD A
A ddr es s
Co un te r
VC C
VS S
X
D
E
C
EEPR OM
Ar ra y
P age Bu f
YD EC
Se ns e AM P
R/ W C ont ro l
HV P um p
Pin Assignment
NC
SD A
VC C
HT 2201
SO T 23- 5- A
VS S
SC L
To p
Vi ew
1
23
4
5
Selection Table
Part No.
Capacity
VDD
Clock Rate
(kHz)
Write Speed
@2.4V(ms)
Operating
Current
@5.0V(mA)
Standby
Current
@5.0V(μA)
Package
Marking
HT2201
128×8
1.8V~5.5V
400
5
5
2
SOT23-5
2201+
Pin Description
Pin Name
I/O
Description
SDA
I/O Serial data input/output
SCL
I
Serial clock data input
VSS
—
Negative power supply, ground
VCC
—
Positive power supply


Similar Part No. - HT2201_14

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT2201L HYES-HT2201L Datasheet
682Kb / 24P
LCD MODULE (176 횞 RGB 횞 220 Dots)
More results

Similar Description - HT2201_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC01 HOLTEK-HT24LC01 Datasheet
248Kb / 8P
1K/2K 2-Wire CMOS Serial EEPROM
6th May 99
HT93LC46 HOLTEK-HT93LC46 Datasheet
360Kb / 10P
1K 3-Wire CMOS Serial EEPROM
6th May 99
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
CMOS 2-WIRE SERIAL EEPROM
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
1K BIT SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
CMOS 1K 2-Wire Serial EEPROM
January 6, 2006
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT93LC46 HOLTEK-HT93LC46_07 Datasheet
142Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
March 14, 2007
HT93LC46 HOLTEK-HT93LC46_09 Datasheet
105Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
July 9, 2009
HT93LC46 HOLTEK-HT93LC46_10 Datasheet
131Kb / 12P
CMOS 1K 3-Wire Serial EEPROM
HT93LC46 HOLTEK-HT93LC46_14 Datasheet
2Mb / 11P
CMOS 1K 3-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com