Electronic Components Datasheet Search
  English  ▼

X  

HT2201 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT2201
Description  CMOS 1K 2-Wire Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2201 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT2201_14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT2201_14 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev. 1.40
6
January 16, 2014
HT2201
R/ W
S
P
De vi ce add re ss
Wo rd addr es sD AT A
AC K
St op
St ar t
SD A
AC KA CK
Byte Write Timing
S
P
De vi ce add re ss
DA TA
AC K
St op
St ar t
SD A
No A CK
Current Read Timing
P
De vi ce add re ss
Wo rd addr es s
AC K
St op
St ar t
SD A
AC K
No A CK
S
AC K
DA TA
S
De vi ce add re ss
St ar t
Random Read Timing
P
De vi ce add re ss
DA TA n
St op
St ar t
SD A
AC K
S
AC K
DA TA n +1
DA TA n +x
No A CK
Sequential Read Timing
Timing Diagrams
t f
t LO W
t r
t HI GH
t SU : ST A
t HD : ST A
t SP
t HD : DA T
t SU : DA T
t SU : ST O
t BU F
Va li dV al id
SC L
SD A
SD A
OU T
t AA
t WR
SC L
SD A
8t h bi tA CK
Wo rd n
St op
C ondi ti on
St ar t
C ondi ti on
Note:ThewritecycletimetWRisthetimefromavalidstopconditionofawritesequencetotheendofthevalid
startconditionofsequentialcommand.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com